Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD28msp01KST Datasheet(PDF) 23 Page - Analog Devices

Part # AD28msp01KST
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28msp01KST Datasheet(HTML) 23 Page - Analog Devices

Back Button AD28msp01KST Datasheet HTML 19Page - Analog Devices AD28msp01KST Datasheet HTML 20Page - Analog Devices AD28msp01KST Datasheet HTML 21Page - Analog Devices AD28msp01KST Datasheet HTML 22Page - Analog Devices AD28msp01KST Datasheet HTML 23Page - Analog Devices AD28msp01KST Datasheet HTML 24Page - Analog Devices AD28msp01KST Datasheet HTML 25Page - Analog Devices AD28msp01KST Datasheet HTML 26Page - Analog Devices AD28msp01KST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD28msp01
REV. A
–23–
NOISE AND DISTORTION
Parameter
Min
Typ
Max
Unit
ADC Signal-to-Noise Ratio
+72
+80
dB
ADC Total Harmonic Distortion
–72
dB
DAC Signal-to-Noise Ratio
+72
+80
dB
DAC Total Harmonic Distortion
–72
dB
ADC Idle Channel Noise
–80
–72
dBm0
DAC Idle Channel Noise
–80
–72
dBm0
ADC Crosstalk
1
–72
dB
DAC Crosstalk
1
–72
dB
ADC Intermodulation Distortion
1
dB
DAC Intermodulation Distortion
1
–72
dB
ADC Digital Power Supply Rejection
1
–45
dB
DAC Digital Power Supply Rejection
1
–45
dB
ADC Analog Power Supply Rejection
1
–35
dB
DAC Analog Power Supply Rejection
1
–35
dB
1Guaranteed but not tested
V
IN – dBm0
17dB
80
–10
3.17
10
0
–55
–60
20
30
40
50
60
70
0
–5
–10
–15
–20
–30
–35
–40
–45
–50
–25
Figure 22. Typical SNR vs. VIN
GROUP DELAY*
9.6 kHz
8.0 kHz
7.2 kHz
Unit
ADC Group Delay
12
13
15
ms
ADC Low-Pass Filter Group Delay
2
3
5
ms
ADC High-Pass Filter Group Delay
10
10
10
ms
DAC Group Delay
2
3
5
ms
Resampling Filter Group Delay
2
3
5
ms
*Group Delay is guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com