Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3KB3M Datasheet(PDF) 1 Page - Dc Components

Part # D3KB3M
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

D3KB3M Datasheet(HTML) 1 Page - Dc Components

  D3KB3M Datasheet HTML 1Page - Dc Components D3KB3M Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Maximum Average Forward Rectified output Current
@Tc=100oC (with heatsink)
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IF(AV)
IFSM
VRMS
Volts
Volts
Amps
3.0
60
Amps
UNITS
Volts
Maximum DC Reverse Current at Rated
DC Blocking Voltage per element
VF
IR
1.1
500
Maximum Forward Voltage Drop per element at 2.0A DC
Volts
@TJ = 25
oC
@TJ = 125
oC
10
µAmps
I2t Rating for Fusing (t<8.3ms)
I2t
15
A2Sec
Typical Thermal Resistance without heatsink
R
θJA
55
0
C/W
Typical Thermal Resistance with heatsink
R
θJC
1.5
0
C/W
Typical Thermal Resistance without heatsink
R
θJL
15
0
C/W
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
MECHANICAL DATA
Operating Temperature Range
TJ
-55 to +150
C
0
Storage Temperature Range
TSTG
-55 to +150
0C
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Glass passivated junction
* High case dielectronic strength
* High surge current capability Ideal for printed circuit board
D3K
Dimensions in inches and (millimeters)
D3KB
D3KB
D3KB
D3KB
D3KB
D3KB
D3KB
3A
3B
3D
3G
3J
3K
3M
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
.555(14.1)
.531(13.5)
.043(1.1)
.059(1.5)
.043(1.1)
.049(1.25)
.041(1.05)
.034(0.86)
.026(0.66)
.162(4.11)
.138(3.51)
SPACING
.134(3.4)
.122(3.1)
.110(2.8)
.094(2.4)
.130(3.3)
.114(2.9)
.024(0.6)
.016(0.4)
.094(2.4)
.071(1.8)
.024
(0.6)
.055(1.4)
.039(1.0)
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 3.0 Amperes
D3KB3A
THRU
D3KB3M
* Weight: 1.35 gram


Similar Part No. - D3KB3M

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
D3KB05 BYTESONIC-D3KB05 Datasheet
192Kb / 2P
GLASSPASSIVATED BRIDGE
Version 1.0 2014/11/10
logo
Zibo Seno Electronic En...
D3KB05 ZSELEC-D3KB05 Datasheet
117Kb / 2P
3.0A BRIDGE RECTIFIER
D3KB05 ZSELEC-D3KB05 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
D3KB05 WTE-D3KB05 Datasheet
51Kb / 4P
3.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
logo
Zibo Seno Electronic En...
D3KB05 ZSELEC-D3KB05_V01 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
More results

Similar Description - D3KB3M

ManufacturerPart #DatasheetDescription
logo
Dc Components
1N4001G DCCOM-1N4001G Datasheet
399Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5391G DCCOM-1N5391G Datasheet
379Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5400G DCCOM-1N5400G Datasheet
411Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
6A05G DCCOM-6A05G Datasheet
469Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
GBK25A DCCOM-GBK25A Datasheet
59Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
D3KB6A DCCOM-D3KB6A Datasheet
33Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE
logo
Yea Shin Technology Co....
KBP200 YEASHIN-KBP200 Datasheet
416Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com