Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3KB3M Datasheet(PDF) 2 Page - Dc Components

Part # D3KB3M
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

D3KB3M Datasheet(HTML) 2 Page - Dc Components

  D3KB3M Datasheet HTML 1Page - Dc Components D3KB3M Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (D3KB3A THRU D3KB3M)
Single Phase Half Wave
60Hz Inductive or
Resistive Load
CASE TEMPERATURE, (oC)
0
50
100
150
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
2
1
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
0
50
40
30
20
10
8.3ms Single Half Sine-Wave
(JEDEC Mathod)
60
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
.2
.4
.6
.8
1.4
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
1.0
1
.1
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
100
10
1
.01
TJ=25oC
TJ=125oC
3
4
5
1.0
1.2
0
20
Pulse Width=300ms
1% Duty Cycle
TC=25oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com