Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S93AP Datasheet(PDF) 8 Page - Analog Devices

Part # AD2S93AP
Description  Low Cost LVDT-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S93AP Datasheet(HTML) 8 Page - Analog Devices

Back Button AD2S93AP Datasheet HTML 4Page - Analog Devices AD2S93AP Datasheet HTML 5Page - Analog Devices AD2S93AP Datasheet HTML 6Page - Analog Devices AD2S93AP Datasheet HTML 7Page - Analog Devices AD2S93AP Datasheet HTML 8Page - Analog Devices AD2S93AP Datasheet HTML 9Page - Analog Devices AD2S93AP Datasheet HTML 10Page - Analog Devices AD2S93AP Datasheet HTML 11Page - Analog Devices AD2S93AP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
–8–
REV. A
AD2S93
Three- or Four-Wire LVDT Connection
In this method of connection, shown in Figure 6, the converters
digital output is proportional to the ratio:
( A
− B )
( A
+ B )/ 2
where A and B are the individual LVDT secondary output volt-
ages. Inspection of Figure 6 should demonstrate why this rela-
tionship is true. (A–B) is simply the voltage across the series
connected secondaries of the LVDT and is applied to the A, B
input to the converter. (A + B)/2 is effectively the average of
the two secondary voltages as computed by the balanced bridge
completion resistors and the grounding of the secondary
center-tap.
Note: This method of connection is appropriate only for where
(A + B) is a constant, independent of LVDT position. Any lack
of constancy in (A + B) will be reflected as an additional non-
linearity in the output. It is up to the user to determine if (A +
B) is sufficiently constant over the particular stroke length em-
ployed.
This method will usually restrict the usable LVDT range to half
of its full range. The restriction can be eliminated, however, by
attenuating DIFF by a factor of 2 or increasing VREF by a factor
of 2. This connection method has the tremendous advantage of
being insensitive to temperature related phase shifts and excita-
tion oscillator instability effects usually associated with more
conventional LVDT conversion systems.
As in the case of the half-bridge type LVDT connection, RC1
and RC2 are the bridge completion resistors and are matched to
a degree sufficient to ensure that the digital output representing
the null position does not vary from the LVDT’s natural null
position. If null adjustment is required, a potentiometer can be
used in place of the common connection between the two
resistors.
NC = NO CONNECT
NC
OVR
NULL
DEMODOUT
DIR
26
27
28
4
2
3
15
18
17
16
12
14
13
25
24
21
20
19
23
22
1
5
69
10
11
7
8
TOP VIEW
(Not to Scale)
AD2S93
+5V
0V
–5V
LOS
12k
Ω
GAIN
DIFF
AGND
A
B
R4
R3
V
DD
R
C2
R
C1
B
A
R2
C2
C1
C3
R5
REF
PISTON
GND
V
DD
V
SS
DGND
R6
R7
C4
Figure 5. Half-Bridge Type LVDT Connection
NC = NO CONNECT
NC
OVR
NULL
DEMODOUT
DIR
26
27
28
4
2
3
15
18
17
16
12
14
13
25
24
21
20
19
23
22
1
5
6
9
10
11
7
8
TOP VIEW
(Not to Scale)
AD2S93
V
DD
DGND
V
SS
+5V
0V
–5V
C3
R5
LOS
12k
Ω
GAIN
DIFF
AGND
A
B
R4
R3
PISTON
V
DD
REF
C4
R6
R2
C2
C1
R7
R
C2
R
C1
Figure 6. Three- or Four-Wire LVDT Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com