Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S93AP Datasheet(PDF) 10 Page - Analog Devices

Part # AD2S93AP
Description  Low Cost LVDT-to-Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S93AP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD2S93AP Datasheet HTML 4Page - Analog Devices AD2S93AP Datasheet HTML 5Page - Analog Devices AD2S93AP Datasheet HTML 6Page - Analog Devices AD2S93AP Datasheet HTML 7Page - Analog Devices AD2S93AP Datasheet HTML 8Page - Analog Devices AD2S93AP Datasheet HTML 9Page - Analog Devices AD2S93AP Datasheet HTML 10Page - Analog Devices AD2S93AP Datasheet HTML 11Page - Analog Devices AD2S93AP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
–10–
REV. A
AD2S93
The AD2S93’s design has been optimized with a critically
damped response. The closed-loop transfer function is given
by:
θ
OUT
θ
IN
=
1
+ st
1
1
+ st
1 +
s2
K1K2
+
s3t2
K1K2
θ
OUT
θ
IN
=
K1K2
s
2
(1
+ st
1 )
1
+ st
2
The normalized gain and phase diagrams are given in Figures 10
and 11 with a bandwidth of 1.25 kHz.
5
–45
10k
–30
–40
10
–35
1
–15
–25
–20
–10
–5
0
1k
100
FREQUENCY – Hz
Figure 10. AD2S93 Gain Plot
–180
–140
–160
–120
–100
–60
–40
FREQUENCY – Hz
0
10k
10
1
–80
–20
1k
100
Figure 11. AD2S93 Phase Plot
CIRCUIT DYNAMICS/ERROR SOURCES
TRANSFER FUNCTION
The AD2S93 operates as a Type 2 tracking servo loop. An inte-
grator and VCO/counter perform the two integrations inherent
in a Type 2 loop.
The overall system response of the AD2S93 is that of a unity
gain second order low-pass filter, with the position of the LVDT
as the input and the digital position data as the output. Figure 9
illustrates the AD2S93 system diagram.
G1 (s)
G2 (s)
VEL OUT
OUT
IN
+
Figure 9. AD2S93 Transfer Function
Note: The AD2S93 has been configured with the following dy-
namics.
Reference Frequency
10 kHz
3 dB Bandwidth
1250 Hz
VCO Gain is set in MODE 1 where VCOGAIN is connected to
VEL.
Using the procedure described in “SETTING THE CON-
VERTER BANDWIDTH,” the following preferred values (E12
series) were calculated:
C1 = 820 pF
C2 = 6.8 nF
R2 = 56 k
Ω
C3 = C4 = 470 pF, R7 = 15 k
Ω, R5 = R6 = 33 kΩ, C4 =
470 pF
The open-loop transfer function is given by:
G1(s)
=
K
1
s
1
+ st
1
1
+ st
2
G2(s)
=
K
2
s
where:
t
2 = R2
C
1 × C2
C
1 + C2


t1 = R2 C2
and:
K
1 =
4
×10−3
25
×103
= 160 × 10−9 ×
1
C
1 + C2
= 21
K
2 =
4
R
V × CV
Note A2 has two values depending on which mode is being used
K2 (MODE1) = 640 × 10
3
K2 (MODE2) = 160 × 10
3
The AD2S93 acceleration constant is given by:
Ka = K1 × K2
Therefore in the example given,
Ka = K1 × K2 = 21 × 640 × 10
3 = 13.44
× 106 s–2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com