Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S99 Datasheet(PDF) 7 Page - Analog Devices

Part # AD2S99
Description  Programmable Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S99 Datasheet(HTML) 7 Page - Analog Devices

  AD2S99 Datasheet HTML 1Page - Analog Devices AD2S99 Datasheet HTML 2Page - Analog Devices AD2S99 Datasheet HTML 3Page - Analog Devices AD2S99 Datasheet HTML 4Page - Analog Devices AD2S99 Datasheet HTML 5Page - Analog Devices AD2S99 Datasheet HTML 6Page - Analog Devices AD2S99 Datasheet HTML 7Page - Analog Devices AD2S99 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. B
–7–
AD2S99
AD2S99/AD2S93 TYPICAL CONFIGURATION
Figure 5 shows a typical circuit configuration for the AD2S99
Oscillator and the AD2S93 LVDT-to-Digital Converter. The
maximum level of the A and B transducer input signals to the
AD2S93 should be 1 V rms
± 20%. All the analog ground sig-
nals should be star connected to the AD2S93 AGND pin. If
shielded twisted pair cables are used for the LVDT signals, the
shields should also be terminated at the AD2S93 AGND pin.
The SYNREF output of the AD2S99 cannot be used as the
REF input signal for the AD2S93. The zero crossing reference
for the AD2S93 should be taken from the primary winding of
the LVDT through a phase lead or lag network. The phase com-
pensation network ensures that the REF input is phase coherent
with the A and B input signals to the AD2S93.
NC = NO CONNECT
NC
SIN
NC
DGND
COS
EXC
EXC
NC
AGND
NC
19
3
1
2
20
4
5
8
6
7
12 13
911
10
18
17
14
16
15
TOP VIEW
(Not to Scale)
AD2S99
4.7µF
4.7µF
0.1µF
0.1µF
SEC
PRI
LVDT
VDD
VSS
VDD
0.1µF
50k
Ω
4.7µF
0.1µF
4.7µF
VSS
SEL2 = GND
SEL1 = VSS
FOUT = 5kHz
VDD
NC = NO CONNECT
26
27
28
4
2
3
15
18
17
16
12
14
13
25 24
21 20 19
23 22
1
56
9
10
11
78
R2
C2
C1
C3
R5
R6
R7
C4
DMODOUT
B
A
PHASE
COMP
LOS
TOP VIEW
(Not to Scale)
AD2S93
B
NC
LOS
GAIN
DIFF
AGND
A
VSS
DGND
DIR
NULL
OVR
VDD
Figure 5. AD2S99 and AD2S93 Example Configuration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com