Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S99 Datasheet(PDF) 2 Page - Analog Devices

Part # AD2S99
Description  Programmable Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S99 Datasheet(HTML) 2 Page - Analog Devices

  AD2S99 Datasheet HTML 1Page - Analog Devices AD2S99 Datasheet HTML 2Page - Analog Devices AD2S99 Datasheet HTML 3Page - Analog Devices AD2S99 Datasheet HTML 4Page - Analog Devices AD2S99 Datasheet HTML 5Page - Analog Devices AD2S99 Datasheet HTML 6Page - Analog Devices AD2S99 Datasheet HTML 7Page - Analog Devices AD2S99 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD2S99–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions
FREQUENCY OUTPUT RANGE
SEL1
SEL2
2 kHz
2000
Hz
VSS
VSS
5 kHz
5000
Hz
VSS
GND
10 kHz
10000
Hz
GND
VSS
20 kHz
20000
Hz
GND
GND
ACCURACY
Frequency
±10
%
AP Grade @ +25
°C
±20
%
AP Grade –40
°C to +85°C
±5
%
BP Grade @ +25
°C
±10
%
BP Grade –40
°C to +85°C
Amplitude
±3
±10
%
AP Grade @ +25
°C
±20
%
AP Grade –40
°C to +85°C
±3
±5
%
BP Grade @ +25
°C
±10
%
BP Grade –40
°C to +85°C
Power Supply Rejection Ratio
0.002
V p-p/V
Output Variation as Function of
Change in Power Supply Voltage
ANALOG OUTPUTS
Amplitude
EXC, EXC
2
V rms
EXC to GND, EXC to GND
SYNREF
±3
V p-p
Square Wave
SYNREF OFFSET
±200
mV
Current Drive Capability
EXC, EXC VS = ± 5 V
8
mA rms
RLOAD = 500 Ω EXC to EXC
CLOAD = 1000 pF
Capacitive Drive
1000
pF
Total Harmonic Distortion
EXC, EXC
–25
dB
ANALOG INPUTS SIN, COS
Amplitude
1.8
2.0
2.2
V rms
Phase Lock Range
–45
+45
Degrees
Additional Phase Delay
±10
Degrees
AP Grade
±10
Degrees
BP Grade
FREQUENCY SELECT INPUTS
SEL1, SEL2
1
VSS
AGND
V dc
LOS OUTPUT
Output Low Voltage
0.7
V dc
IOL = 400 µA
Output High Voltage
VDD
V dc
50 k
Ω Pull Up to V
DD (Open
Drain Output)
SIN, COS LOS Threshold
0.5
0.6
0.8
V rms
POWER SUPPLIES
VDD
+4.75
+5.25
V dc
VSS
–4.75
–5.25
V dc
Quiescent Current IDD, ISS
±8
±15
mA
No Load
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–65
+150
°C
NOTES
1Frequency select pins SEL1 and SEL2 must be connected to appropriate voltage levels before power is applied.
Specifications subject to change without notice.
REV. B
–2–
(VS =
4.75 V to
5.25 V @ –40 C to +85 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com