Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE93C46 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE93C46
Description  Three-wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE93C46 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ACE93C46.56.66
Three-wire Serial EEPROM
VER 1.5
3
ACE93C56/66
Note: When the ORG pin is connected to VCC, the
“x 16” organization is selected. When it is connected to ground, the “x 8”
organization is selected. If the ORG pin is left unconnected and the application does not load the input beyond the capability
of the internal 1 Meg ohm pullup, then the
“x 16” organization is selected.
Absolute Maximum Ratings
DC Supply Voltage
-0.3 to 6.5V
Input / Output Voltage
GND -0.3 to Vcc 0.3V
Operating Ambient Temperature
-40 to 85℃
Storage Temperature
-65 to 150℃
*Notice: Stresses above those listed under
“Absolute Maximum Ratings” may cause permanent damage to this device. These are
stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the
operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com