Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE93C46 Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE93C46
Description  Three-wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46 Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE93C46 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE93C46 Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ACE93C46.56.66
Three-wire Serial EEPROM
VER 1.5
8
WRITE (WRITE):
The Write (WRITE) instruction contains the 8 or 16 bits of data to be written into the specified memory location. The
self-timed programming cycle, tWP, starts after the last bit of data is received at serial data input pin DI. The DO pin
outputs the Ready/Busy status of the part if CS is brought high after being kept low for a minimum of 250 ns (TCS). A
logic “0” at DO indicates that programming is still in progress. A logic “1” indicates that the memory location at the
specified address has been written with the data pattern contained in the instruction and the part is ready for further
instructions. A Ready/Busy status cannot be obtained if the CS is brought high after the end of the selftimed
programming cycle, TWP.
ERASE ALL (ERAL):
The Erase All (ERAL) instruction programs every bit in the m
emory array to the logic “1” state and is primarily used for
testing purposes. The DO pin outputs the Ready/Busy status of the part if CS is brought high after being kept low for a
minimum of 250 ns (TCS). The ERAL instruction is valid only at VCC = 5.0V ± 10%.
WRITE ALL (WRAL):
The Write All (WRAL) instruction programs all memory locations with the data patterns specified in the instruction.
The DO pin outputs the Ready/Busy status of the part if CS is brought high after being kept low for a minimum of 250ns
(TCS). The WRAL instruction is valid only at VCC = 5.0V ± 10%.
ERASE/WRITE DISABLE (EWDS):
To protect against accidental data disturb, the Erase/Write Disable (EWDS) instruction disables all programming
modes and should be executed after all programming operations. The operation of the Read instruction is independent
of both the EWEN and EWDS instructions and can be executed at any time.
Timing Diagrams
Note: This is the minimum SK period.
Figure 1: Synchronous Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com