Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE306 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE306
Description  Low Voltage Detector with Built-in Delay Circuit / SSD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE306 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE306 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ACE306
Low Voltage Detector with Built-in Delay Circuit / SSD
VER 1.3
3
Recommended Work Conditions
Item
Min
Typ.
Max
Unit
Input Voltage (Vin)
0.7
10
V
Ambient Temperature (TJ)
-40
25
85
℃
Block diagram
N channel open-drain
CMOS output
Electrical Characteristics
ACE306N090DBM+ (0.9V)
(Topt=25℃, Unless otherwise specified)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
0.882
0.9
0.918
V
ISS
Current consumption
VDD=2.9V
1
1.5
uA
VDDH
Maximum operating voltage
10
V
VDDL
Minimum Operating voltage
0.5
V
IOUT
Output current
Nch
VDS=0.05V,VDD=0.7V
VDS=0.50V,VDD=0.8V
0.01
0.05
0.05
0.50
mA
Pch
VDS=-2.1V,VDD=4.50V
1.0
2.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com