Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE306 Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE306
Description  Low Voltage Detector with Built-in Delay Circuit / SSD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE306 Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE306 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE306 Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ACE306
Low Voltage Detector with Built-in Delay Circuit / SSD
VER 1.3
7
Output Current1
Output Current2
Minimum
Operating
Voltage
Detector Threshold
Temperature Coefficient
Iout1[mA]
Iout2[mA]
VDDL[V]
-
Condition
Min. Typ.
Condition
Min. Typ. Typ.
Max.
Condition
Typ.
NCH,
VDS=0.05V,VDD=0.7V
0.01 0.05 NCH,VDS=0.5V
VDD=0.85V 0.1 0.5
0.5
0.7
-40
℃ Topt 85℃
100
VDD=1.0V 0.2 1.0
VDD=1.5V 1.0 2.0
Electrical Characteristics By Output Delay Time
Part Number
Test Condition
Output Delay Time
Unit
Min
Typ
Max
ACE306XXXXAXX+
VDD=1.0V to Vdet+1.0V
45
50
55
ms
ACE306XXXXBXX+
90
100
110
ACE306XXXXCXX+
135
150
165
ACE306XXXXDXX+
180
200
220
ACE306XXXXEXX+
225
250
275
ACE306XXXXFXX+
270
300
330
ACE306XXXXGXX+
360
400
440
Function description
High precision low temperature co-efficiency reference voltage is applied to the negative input of a
comparator. Input voltage, divided by resistor array of Ra and Rb, is applied to the positive input of the
comparator. Output of the comparator passes a delay circuit and a series of buffer to drive the output
CMOS pair.
VDET =VREF*(1+Ra/Rb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com