Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S82ALP Datasheet(PDF) 12 Page - Analog Devices

Part # AD2S82ALP
Description  Variable Resolution, Monolithic Resolver-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S82ALP Datasheet(HTML) 12 Page - Analog Devices

Back Button AD2S82ALP Datasheet HTML 8Page - Analog Devices AD2S82ALP Datasheet HTML 9Page - Analog Devices AD2S82ALP Datasheet HTML 10Page - Analog Devices AD2S82ALP Datasheet HTML 11Page - Analog Devices AD2S82ALP Datasheet HTML 12Page - Analog Devices AD2S82ALP Datasheet HTML 13Page - Analog Devices AD2S82ALP Datasheet HTML 14Page - Analog Devices AD2S82ALP Datasheet HTML 15Page - Analog Devices AD2S82ALP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. B
–12–
AD2S81A/AD2S82A
During the reset period the input continues to be integrated, the
reset period is constant at 400 ns.
The VCO rate is fixed for a given input current by the VCO
scaling factor:
= 7.9 kHz / µA
The tracking rate in rps per
µA of VCO input current can be
found by dividing the VCO scaling factor by the number of LSB
changes per rev (i.e., 4096 for 12-bit resolution).
The input resistor R6 determines the scaling between the con-
verter velocity signal voltage at the INTEGRATOR O/P pin and
the VCO input current. Thus to achieve a 5 V output at 100 rps
(6000 rpm) and 12-bit resolution the VCO input current must
be:
(100
× 4096) / (7900) = 51.8 µA
Thus, R6 would be set to: 5/(51.8
× 10-–6) = 96 kΩ
The velocity offset voltage depends on the VCO input resistor,
R6, and the VCO bias current and is given by
Velocity Offset Voltage
= R6 × (VCO bias current )
The temperature coefficient of this offset is given by
Velocity Offset Tempco
= R6 × (VCO bias current tempco)
where the VCO bias current tempco is typically –1.22 nA/
°C.
The maximum recommended rate for the VCO is 1.1 MHz
which sets the maximum possible tracking rate.
Since the minimum voltage swing available at the integrator
output is
±8 V, this implies that the minimum value for R6 is
57 k
Ω. As
Max Current
=
1.1
× 10
6
7.9
× 10
3
= 139 µA
Min Value R6
=
8
139
×10−6
= 57 kΩ
VCO OUTPUT
In order to overcome the “freeplay” inherent in a servo system
using digitized position feedback, an analog output voltage is
available representing the resolver shaft position within the least
significant bit of digital angle output.
The converter updates the output if the error is an LSB or
greater and the VCO output gives the positional error smaller
than 1 LSB.
INPUT
ANGLE
0
VCO
OUTPUT
+3V
–3V
+LSB
–LSB
Figure 5.
Figure 5 illustrates how the VCO output compensates for in-
stances where, due to hysteresis, there is no change in the digital
count output for 1 LSB change in input angle. The sum of the
digital count output and VCO output equals the actual input
angle.
Transfer Function
By selecting components using the method outlined in the
Component Selection section, the converter will have a critically
damped time response and maximum phase margin. The
Closed-Loop Transfer Function is given by:
θ
OUT
θ
IN
=
14 (1
+ s
N )
(sN + 2.4)(sN2 + 3.4 sN + 5.8)
where SN, the normalized frequency variable, is:
SN =
2
π
s
f BW
and fBW is the closed loop 3 dB bandwidth (selected by the
choice of external components).
The acceleration constant, KA, is given approximately by
K
A = 6 × ( f BW )
2
sec
−2
The normalized gain and phase diagrams are given in Figures
6 and 7.
12
9
6
3
0
–3
–6
–9
–12
0.02
0.04
0.1
0.2
0.4
0
2
FREQUENCY –
fBW
Figure 6. AD2S81A/AD2S82A Gain Plot
180
0
–45
–90
–135
–180
0.02
0.04
0.1
0.2
0.4
0
2
FREQUENCY –
fBW
135
90
45
Figure 7. AD2S81A/AD2S82A Phase Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com