Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S82ALP Datasheet(PDF) 15 Page - Analog Devices

Part # AD2S82ALP
Description  Variable Resolution, Monolithic Resolver-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S82ALP Datasheet(HTML) 15 Page - Analog Devices

Back Button AD2S82ALP Datasheet HTML 8Page - Analog Devices AD2S82ALP Datasheet HTML 9Page - Analog Devices AD2S82ALP Datasheet HTML 10Page - Analog Devices AD2S82ALP Datasheet HTML 11Page - Analog Devices AD2S82ALP Datasheet HTML 12Page - Analog Devices AD2S82ALP Datasheet HTML 13Page - Analog Devices AD2S82ALP Datasheet HTML 14Page - Analog Devices AD2S82ALP Datasheet HTML 15Page - Analog Devices AD2S82ALP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD2S81A/AD2S82A
REV. B
–15–
For more information on resistive scaling of SIN, COS and
REFERENCE converter inputs, refer to the application note
“Circuit Applications of the 2S81 and 2S80 Resolver-to-Digital
Converters.”
APPLICATIONS
Control Transformer
The ratio multiplier of the AD2S82A can be used independently
of the loop integrators as a control transformer. In this mode the
resolver inputs
θ are multiplied by a digital angle φ, any differ-
ence between and
φ and θ will be represented by the AC ERROR
output as SIN
ωt sin (θ–φ) or the DEMOD output as sin (θ–φ).
To use the AD2S81A/AD2S82A in this mode refer to the
“Control Transformer” application note.
Dynamic Switching
In applications where the user requires wide band response from
the converter, for example 100 rpm to 6000 rpm, superior per-
formance is achieved if the converters control characteristics are
switched dynamically. This reduces velocity offset levels at low
tracking rates. For more information on the technique refer to
“Dynamic Resolution Switching Using the Variable Resolution
Monolithic Resolver-to-Digital Converters.”
OTHER PRODUCTS
The AD2S80A is a monolithic resolver-to-digital converter
offering 10–16 bits of resolution and user selectable dynamics.
The AD2S80A is also available in 40-lead ceramic DIP, 44-lead
LCC and is qualified to MIL-STD 883B Rev C.
The AD2S46 is a highly integrated hybrid resolver/synchro to
digital converter packaged in a 28-lead ceramic DIP. The part
offers the user 1.3 arc minutes of accuracy over the full military
temperature range.
The AD2S34 is a dual channel 14-bit hybrid resolver-to-digital
converter packaged in a 1 in
2 32-lead flatpack.
The 1740/41/42 are hybrid resolver/synchro to digital converters
which incorporate pico-transformer isolated input signal
conditioning.
TYPICAL CIRCUIT CONFIGURATION
Figure 11 shows a typical circuit configuration for the AD2S81A/
AD2S82A in a 12-bit resolution mode. Values of the external
components have been chosen for a reference frequency of 5 kHz
and a maximum tracking rate of 260 rps with a bandwidth of
520 Hz. Placing the values for R4, R6, C4 and C5 in the equa-
tion for KA gives a value of 2.7
× 106. The resistors are 0.125 W,
5% tolerance preferred values. The capacitors are 100 V ceramic,
10% tolerance components.
For signal and reference voltages greater than 2 V rms a simple
voltage divider circuit of resistors can be used to generate the
correct signal level at the converter. Care should be taken to
ensure that the ratios of the resistors between the sine signal line
and ground and the cosine signal line and ground are the same.
Any difference will result in an additional position error.
TIME – ms
360
0
024
4
812
16
20
315
180
135
90
45
270
225
Figure 12. Large Step Response Curves for Typical Circuit
Shown in Figure 11
RIPPLE CLK
DIRECTION
BUSY
DATA LOAD
BYTE SELECT
–12V
MSB
LSB
0V
VELOCITY
O/P
+5V
15k
22nF
PIN 1
IDENTIFIER
18 19 20 21 22 23 24 25 26 27 28
65
4321
44 43 42 41 40
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
AD2S82A
TOP VIEW
(Not to scale)
COS HIGH
REF LOW
COS LOW
SIN LOW
COMPLEMENT
SC2
15k
22nF
100k
100nF
100nF
+12V
SIN HIGH
REFERENCE
INPUT
68
470pF
39k
110k
180k
1.5nF
6.8nF
100nF
4.7M
1M
INHIBIT
ENABLE
DATA OUTPUT
RESOLVER
SIGNAL
DATA
OUTPUT
Figure 11. Typical Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com