Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE515 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE515
Description  Low Noise, fast response 300mA LDO regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE515 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE515
Low Noise, fast response 300mA LDO regulator
VER 1.5
3
Block Diagram
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
2
6
V
Ambient Temperature
-40
85
℃
Electrical Characteristics
ACE515 for arbitrary output voltage (Test Conditions: Cin=1uF, Cout=1uF,TA=25℃, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
2
6
V
Output Voltage
VOUT>1.5V
VIN=Set VOUT+1V
1mA≦Iout≦30mA
VOUT
x0.98
VOUT1
VOUT x
1.02
V
VOUT<=1.5V
VOUT –
0.03
VOUT1
VOUT +
0.03
Maximum Output
Current
IOUT(Max.)
VIN -VOUT=1V
300
mA
Dropout Voltage, VOUT
≧2.8V
Vdrop
1
IOUT=100mA
50
80
mV
IOUT=300mA
160
220
mV
Line Regulation
ΔV
OUT /
ΔV
IN•VOUT
IOUT=40mA
2.8V≦VIN≦6V
0.05
0.2
%/V
Load Regulation
ΔV
OUT /
ΔI
OUT
VIN=Set VOUT+1V
1mA≦IOUT≦300mA
60
100
mV
Supply Current
Iss
VIN=Set VOUT+1V
25
50
uA
Supply Current
(Standby)
Istandby
VIN=Set VOUT+1V Vce=GND
0.1
1.0
uA
Output Voltage
Temperature
Coefficient
ΔV
OUT /
ΔT•V
OUT
IOUT=30mA
±100
ppm/
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com