Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE515 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE515
Description  Low Noise, fast response 300mA LDO regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE515 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE515
Low Noise, fast response 300mA LDO regulator
VER 1.5
1
Description
ACE515 series is a group of positive voltage output, low power consumption, low dropout voltage
regulator.
ACE515 can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be customized
on command.
ACE515 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module with discharge capability.
ACE515 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within ±2%.
Features
Low Power Consumption: 25uA (Typ)
Low Output Noise (47uVRMS)
Standby Mode: 0.1uA
Low Dropout Voltage 0.16V@300mA (Typ.)
High Ripple Rejection: 73dB @100Hz (Typ.)
Low Temperature Coefficient: ±100ppm/℃
Excellent Line Regulation: 0.05%/V
Build-in Chip Enable And Discharge Circuit
Output Voltage Range: 1.0V~4.5V (customized on command every 0.1V step)
High Accurate: ±2%
Output Current Limit
Application
Power source for cellular phones and various kind of PCSs
Battery Powered equipment
Power Management of MP3, PDA, DSC, Mouse, PS2 games
Reference voltage source
Regulation after switching power
Typical Performance Characteristic:
Load Regulation (Vout=4.5V)


Similar Part No. - ACE515

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE515A ACE-ACE515A Datasheet
391Kb / 22P
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
ACE515A15BM+H ACE-ACE515A15BM+H Datasheet
391Kb / 22P
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
ACE515A15BN+H ACE-ACE515A15BN+H Datasheet
391Kb / 22P
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
ACE515A15HN+H ACE-ACE515A15HN+H Datasheet
391Kb / 22P
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
ACE515A15QM+H ACE-ACE515A15QM+H Datasheet
391Kb / 22P
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
More results

Similar Description - ACE515

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
Low noise, fast response 500mA LDO regulator
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
Low noise, fast response 500mA LDO regulator
VER 1.4
logo
Leshan Radio Company
LR8563 LRC-LR8563 Datasheet
824Kb / 9P
Low noise, fast response 300mA LDO regu lator
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
Low noise, fast response 300mA LDO regu lator
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com