Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7346B Datasheet(PDF) 1 Page - Analog Devices

Part # AD7346B
Description  2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7346B Datasheet(HTML) 1 Page - Analog Devices

  AD7346B Datasheet HTML 1Page - Analog Devices AD7346B Datasheet HTML 2Page - Analog Devices AD7346B Datasheet HTML 3Page - Analog Devices AD7346B Datasheet HTML 4Page - Analog Devices AD7346B Datasheet HTML 5Page - Analog Devices AD7346B Datasheet HTML 6Page - Analog Devices AD7346B Datasheet HTML 7Page - Analog Devices AD7346B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV PrA
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
2 Pair/1 Pair ETSI Compatible
HDSL Analog Front End
PreliminaryTechnicalData
AD5011
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
Fax: 781/326-8703
World Wide Web Site: hppt://www.analog.com
FEATURES
Integrated front End for Single Pair or Two Pair HDSL
Systems
Meets ETSI Specifications
Supports 1168 kbps and 2.32 Mbps
Programmable Filtering Supports Adaptive HDSL
Transmit and Receive Signal Path Functions
Receive Hybrid Amplifier, PGA, ADC and Adaptable
Filter
Transmit DAC, Adaptable Filter and Differential
Outputs
Normal Loopback
Serial Interface to Digital Transceivers
Single 3 V Power Supply
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD5011 is an analog front end for two pair or single
pair HDSL applications that use 1168 kbps or 2.32 Mbps
data rates.
The device integrates all the transmit and receive
functional blocks.
A standard serial interface is used to
communicate with the DAC and ADC.
The filters in both
the transmit and receive paths are programmable which
allows adaptive HDSL to be performed also.
The part is
available in a 48-pin LQFP package and is specified for a
temperature range of -40
oC to +85 oC.
14-B it D A C
6 Pole Ada ptive
B esse l Filte r
PG A
Line
Drive r
Hybrid
PG A
4 Pole Ada ptive
B utterw orth Filter
AD C
Buffer
12-B it A D C
SPI
SPICLK
TFS
DT
DR
RE SETB
PW R D O W NB
TxD A TA
TxSY N C
TxC LK
AD CCLK
SC L K
SD O
DR
CA P-T
CA P-B
RE F -C O M
VR EF
Tx-D EC O U P
DR V-OUT P
H YBIN-2 B
0 dB
-6 dB
-6 dB
-3 dB
0 dB
+3 d B
+6 d B
DR V-OUT N
H YBIN-2 A
H YBIN-1 A
H YBIN-1 B
VD RIVE
CM -L VL
Con trol/
C onfiguratio n
PRELIMINARY TECHNICAL DATA


Similar Part No. - AD7346B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73460 AD-AD73460 Datasheet
290Kb / 32P
Six-Input Channel Analog Front End
REV.0
AD73460BB-40 AD-AD73460BB-40 Datasheet
290Kb / 32P
Six-Input Channel Analog Front End
REV.0
AD73460BB-80 AD-AD73460BB-80 Datasheet
290Kb / 32P
Six-Input Channel Analog Front End
REV.0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
Six-Input Channel Analog Front End
REV. A
More results

Similar Description - AD7346B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
HDSL/MDSL ANALOG FRONT END
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1205 BURR-BROWN-AFE1205 Datasheet
196Kb / 10P
2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1224 BURR-BROWN-AFE1224 Datasheet
137Kb / 11P
2Mbps, Single Pair ANALOG FRONT END
logo
Analog Devices
AD6472 AD-AD6472 Datasheet
114Kb / 8P
2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV.0
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203_14 Datasheet
897Kb / 16P
2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1224 TI1-AFE1224 Datasheet
152Kb / 13P
2Mbps, Single Pair ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com