Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6472 Datasheet (PDF) - Analog Devices

AD6472 Datasheet PDF - Analog Devices
Part # AD6472
Download  AD6472 Download
File Size   114.03 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 Pair/1 Pair ETSI Compatible HDSL Analog Front End

AD6472 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6472 Datasheet PDF - Analog Devices

Part # AD6472
Download  AD6472 Click to download

File Size   114.03 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 Pair/1 Pair ETSI Compatible HDSL Analog Front End

AD6472 Datasheet (HTML) - Analog Devices


AD6472 Product details

GENERAL DESCRIPTION

The AD6472 is a single chip analog front end for two pair or single pair HDSL applications that use 1168 Kbps or 2.32 Mbps data rates.

The AD6472 integrates all the transmit and receive functional blocks together with the timing recovery DAC. The digital interface is designed to support industry standard digital transceivers.



FEATURES

Integrated Front End for Single Pair or Two Pair HDSL Systems

Meets ETSI Specifications

Supports 1168 Kbps and 2.32 Mbps

Transmit and Receive Signal Path Functions

  Receive Hybrid Amplifier, PGA and ADC

  Transmit DAC, Filter and Differential Outputs

  Programmable Filters

Control and Ancillary Functions

  Timing Recovery DAC

  Normal Loopback and Low Power Modes

  Simple Interface-to-Digital Transceivers

Single 5 V Power Supply

Power Consumption: 320 mW—(Excluding Driver)

Package: 80-Lead MQFP

Operating Temperature: –40℃ to +85℃




Similar Part No. - AD6472

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD647 AD-AD647 Datasheet
378Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
logo
Advanced (Shenzhen) Ele...
AD6475 ADV-AD6475 Datasheet
661Kb / 6P
37V Low Current Consumption 250mA CMOS Voltage Regulator
Ver.0.10
AD6475AXXM ADV-AD6475AXXM Datasheet
661Kb / 6P
37V Low Current Consumption 250mA CMOS Voltage Regulator
Ver.0.10
AD6475AXXM1 ADV-AD6475AXXM1 Datasheet
661Kb / 6P
37V Low Current Consumption 250mA CMOS Voltage Regulator
Ver.0.10
AD6475AXXP ADV-AD6475AXXP Datasheet
661Kb / 6P
37V Low Current Consumption 250mA CMOS Voltage Regulator
Ver.0.10
More results


Similar Description - AD6472

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5011 AD-AD5011 Datasheet
93Kb / 8P
2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
HDSL/MDSL ANALOG FRONT END
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1205 BURR-BROWN-AFE1205 Datasheet
196Kb / 10P
2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1224 BURR-BROWN-AFE1224 Datasheet
137Kb / 11P
2Mbps, Single Pair ANALOG FRONT END
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203_14 Datasheet
897Kb / 16P
2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1224 TI1-AFE1224 Datasheet
152Kb / 13P
2Mbps, Single Pair ANALOG FRONT END
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com