Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6475 Datasheet (PDF) - Advanced (Shenzhen) Electronics Co.,Ltd

AD6475 Datasheet PDF - Advanced (Shenzhen) Electronics Co.,Ltd
Part # AD6475
Download  AD6475 Download
File Size   661.26 Kbytes
Page   6 Pages
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd
Description 37V Low Current Consumption 250mA CMOS Voltage Regulator

AD6475 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6475 Datasheet PDF - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AD6475
Download  AD6475 Click to download

File Size   661.26 Kbytes
Page   6 Pages
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd
Description 37V Low Current Consumption 250mA CMOS Voltage Regulator

AD6475 Datasheet (HTML) - Advanced (Shenzhen) Electronics Co.,Ltd


AD6475 Product details

General Description
The AD6475 series are a group of positive voltage regulators manufactured by CMOS technologies with low power consumption and low dropout voltage, which provide large output currents even when the difference of the input-output voltage is small. The AD6475 series can deliver 250mA output current and allow an input voltage as high as 36V. The series are very suitable for the battery-powered equipments, such as RF applications and other systems requiring a quiet voltage source.

Features
◆ Low Quiescent Current: 2uA
◆ Operating Voltage Range: 2.5V-37V
◆ Output Current: 250mA
◆ Low Dropout Voltage:400mV@100mA(VOUT=3.3V)
◆ Output Voltage: 2.1~ 12V
◆ High Accuracy: ±2%/±1%(Typ.)
◆ High Power Supply Rejection Ratio:70dB@1kHz
◆ Low Output Noise:27xVOUT uV/RMS(10Hz~100kHz)
◆ Excellent Line and Load Transient Response
◆ Built-in Current Limiter,Short-Circuit Protection
◆ Over-Temperature Protection
◆ Stable with Ceramic or Tantalum Capacitor

Applications
◆ Cordless Phones
◆ Radio control systems
◆ Laptop, Palmtops and PDAs
◆ Single-lens reflex DSC
◆ PC peripherals with memory
◆ Wireless Communication Equipments
◆ Portable Audio Video Equipments
◆ Car Navigation Systems
◆ LAN Cards
◆ Ultra Low Power Microcontrollers




Similar Part No. - AD6475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD647 AD-AD647 Datasheet
378Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
AD6472 AD-AD6472 Datasheet
114Kb / 8P
2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV.0
AD6472BS AD-AD6472BS Datasheet
114Kb / 8P
2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV.0
AD647J AD-AD647J Datasheet
378Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
AD647JH AD-AD647JH Datasheet
378Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
More results


Similar Description - AD6475

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
250mA CMOS Low consumption Linear Regulator
VER 1.4
ACE575D ACE-ACE575D Datasheet
591Kb / 12P
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
Low current consumption 300mA CMOS Voltage Regulator
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com