Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD647 Datasheet (PDF) - Analog Devices

AD647 Datasheet PDF - Analog Devices
Part # AD647
Download  AD647 Download
File Size   378.71 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Drift, Dual BiFET Op Amp

AD647 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD647 Datasheet PDF - Analog Devices

Part # AD647
Download  AD647 Click to download

File Size   378.71 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Drift, Dual BiFET Op Amp

AD647 Datasheet (HTML) - Analog Devices


AD647 Product details

PRODUCT DESCRIPTION

The AD647 is an ultralow drift, dual JFET amplifier that combines high performance and convenience in a single package. The AD647 uses the most advanced ion-implantation and laser wafer drift trimming technologies to achieve the highest performance currently available in a dual JFET. Ion-implantation permits the fabrication of matched JFETs on a monolithic bipolar chip. Laser wafer drift trimming trims both the initial offset voltage and its drift with temperature to provide offsets as low as 100 µV (250 µV max) and drifts of 2.5 µV/°C max.



FEATURES

Low Offset Voltage Drift

Matched Offset Voltage

Matched Offset Voltage Over Temperature

Matched Bias Currents

Crosstalk: –124 dB at 1 kHz

Low Bias Current: 35 pA max Warmed Up

Low Offset Voltage: 250 mV max

Low Input Voltage Noise: 2 mV p-p

High Open Loop Gain: 108 dB

Low Quiescent Current: 2.8 mA max

Low Total Harmonic Distortion

Standard Dual Amplifier Pinout

Available in Hermetic Metal Can Package, Hermetic Surface Mount (20-Pin LCC) and Chip Form

MIL-STD-883B Processing Also Available

Single Version Available: AD547




Similar Part No. - AD647

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6472 AD-AD6472 Datasheet
114Kb / 8P
2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV.0
AD6472BS AD-AD6472BS Datasheet
114Kb / 8P
2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV.0
logo
Advanced (Shenzhen) Ele...
AD6475 ADV-AD6475 Datasheet
661Kb / 6P
37V Low Current Consumption 250mA CMOS Voltage Regulator
Ver.0.10
AD6475AXXM ADV-AD6475AXXM Datasheet
661Kb / 6P
37V Low Current Consumption 250mA CMOS Voltage Regulator
Ver.0.10
AD6475AXXM1 ADV-AD6475AXXM1 Datasheet
661Kb / 6P
37V Low Current Consumption 250mA CMOS Voltage Regulator
Ver.0.10
More results


Similar Description - AD647

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743 Datasheet
309Kb / 12P
Ultralow Noise BiFET Op Amp
REV.C
AD743 AD-AD743_03 Datasheet
268Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD647 AD-AD647_15 Datasheet
385Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
REV. A
AD707 AD-AD707_15 Datasheet
329Kb / 8P
Ultralow Drift Op Amp
REV. B
AD743 AD-AD743_15 Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com