Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD647 Datasheet(PDF) 2 Page - Analog Devices

Part # AD647
Description  Ultralow Drift, Dual BiFET Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD647 Datasheet(HTML) 2 Page - Analog Devices

  AD647 Datasheet HTML 1Page - Analog Devices AD647 Datasheet HTML 2Page - Analog Devices AD647 Datasheet HTML 3Page - Analog Devices AD647 Datasheet HTML 4Page - Analog Devices AD647 Datasheet HTML 5Page - Analog Devices AD647 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AD647–SPECIFICATIONS (@ +25 C and V
S =
15 V dc)
Model
AD647J
AD647K
AD647L
AD647S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OPEN LOOP GAIN
VO = ± 10 V, RL ≥ 2 kΩ
100,000
250,000
250,000
250,000
V/V
TMIN to TMAX, RL = 2 kΩ
100,000
250,000
250,000
100,000
V/V
OUTPUT CHARACTERISTICS
Voltage @ RL = 2 kΩ, TMIN to TMAX
10
±12
10
±12
10
±12
10
±12
V
Voltage @ RL = 10 kΩ, TMIN to TMAX
12
±13
12
±13
12
±13
12
±13
V
Short Circuit Current
25
25
25
25
mA
FREQUENCY RESPONSE
Unity Gain Small Signal
1.0
1.0
1.0
1.0
MHz
Full Power Response
50
50
50
50
kHz
Slew Rate, Unity Gain
2.0
3.0
2.0
3.0
2.0
3.0
2.0
3.0
V/
µs
INPUT OFFSET VOLTAGE
1
Initial Offset
1.0
0.5
0.25
0.5
mV
Input Offset Voltage vs. Temperature
10
5
2.5
5.0
µV/°C
Input Offset Voltage vs. Supply,
TMIN to TMAX
200
100
100
100
µV/V
INPUT BIAS CURRENT
2
Either Input
10
75
10
35
10
35
10
35
pA
Offset Current
5222
pA
MATCHING CHARACTERISTICS
3
Input Offset Voltage
1.0
0.5
0.25
0.5
mV
Input Offset Voltage TMIN to TMAX
10
5
2.5
10.0
µV/°C
Input Bias Current
35
25
25
25
pA
Crosstalk
–124
–124
–124
–124
dB
INPUT IMPEDANCE
Differential
10
12 61012 61012 61012 6M
Ω pF
Common Mode
10
12 61012 61012 61012 6M
Ω pF
INPUT VOLTAGE RANGE
Differential4
±20
±20
±20
±20
V
Common Mode
10
±12
10
±12
10
±12
10
±12
V
Common-Mode Rejection
76
80
80
80
dB
INPUT NOISE
Voltage 0.1 Hz to 10 Hz
2
444
µV p-p
f = 10 Hz
70
70
70
70
nV/
√Hz
f = 100 Hz
45
45
45
45
nV/
√Hz
f = 1 kHz
30
30
30
30
nV/
√Hz
f = 10 kHz
25
25
25
25
nV/
√Hz
POWER SUPPLY
Rated Performance
±15
±15
±15
±15
V
Operating
±5
±18
±5
±18
±5
±18
±5
±18
V
Quiescent Current
2.8
2.8
2.8
2.8
mA
TEMPERATURE RANGE
Operating, Rated Performance
0
+70
0
+70
0
+70
–55
+125
°C
Storage
–65
+150
–65
+150
–65
+150
–65
+150
°C
PACKAGE OPTION
TO-99 Style (H-08B)
AD647JH
AD647KH
AD647LH
AD647SH
LCC (E-20A)
AD647SE
AD647SE/883BH
NOTES
1Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2Bias Current specifications are guaranteed at maximum at either input after 5 minutes of operation at T
A = +25°C. For higher temperatures, the current doubles every 10°C.
3Matching is defined as the difference between parameters of the two amplifiers.
4Defined as the maximum safe voltage between inputs, such that neither exceeds
±10 V from ground.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications
are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
REV. A
–2–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com