Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLS15HD Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADLS15HD
Description  Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLS15HD Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLS15HD Datasheet HTML 1Page - ADL Embedded Solutions ADLS15HD Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.5-inch
Data subject to change without notice
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
Technical Specifications
Feature
Function
Options / Remarks
CPU
Intel Atom
Z510 / Z530
Soldered (or Socket Name)
Soldered
2nd Level Cache
512KB
FSB
400/533MHz
Determined by CPU selection
CPU-Clock
1.1GHz, 1.6GHz
Z510 = 1.1GHz, Z530 = 1.6GHz
North Bridge
Intel US15W SCH
Northbridge and Southbridge are incorporated into
a single System Controller Hub (SCH)
South Bridge
Super IO1
Windbond 83627HG
Hardware Monitoring
Supported by SuperIO1
Memory 200pin DDR2 SODIMM
SODIMM200, 1.8V / DDR2
Max. 2048MB
Speed max
DDR2 400/533MHz
Processor Dependent
Video Controller
Graphics Media Accelerator 500 (Intel GMA500)
Integrated into the Intel US15W SCH
Video BIOS
Intel IEGD
Memory
Max. 8MB UMS / max. 256MB DVMT
CRT
None
CRT resolution
1600 x 1200 max.
DVI/HDMI/DisplayPort
DVI-D
LCD LVDS 18/24/36/48
18/24 - BIT LVDS
LCD resolution
1600 x 1200 max.
BIOS
Phoenix-Award
BIOS Chip
FWH
Power Management APM/ACPI
APM / ACPI supported
Speedstep / AMT
Speedstep supported
Selectable fixed frequency
Yes
Powerstates S0/S1/S3/S4/S5
S0, S1, S4, S5 supported
Controller and Codec
SCH US15W / Realtek ALC885 (HDA)
Support for 2/6/8 channel (2.0/5.1/7.1)
Up to 5.1 HDA
2 channel, 6 channel
Analog In Line/CD/AUX/Mic1/Mic2/PCBeep
Analog In, Mic1, Mic2, PC Beep
Analog Out Line/Monoout
Analog Out
Digital In/Out
Digital In and Digital Out
LAN1 / LAN2 Controller
Intel 82575 (Dual Ethernet Controller)
10/100/1000 Mbit
LAN1, LAN2 10, 100, 1000 Mbit supported
Bootoption RPL/PXE/WOL
LAN1, LAN2 RPL/PXE/WOL supported
ISA Bus
No
PCI Bus
Mini-PCI
Other PCI options available
PCIe x1 / x4 / x16
No
ATA primary/secondary
Primary ATA
PIO 0/1/2/3/4 - DMA33/66/100/133
All speeds supported except DMA133
80-conductor ribbon required for DMA66/100
SATA Channels
No
CompactFlash / Solid State Disk
No
Boot HD/FDD/CDROM/FD/ZIP
All devices listed are supported
USB-Channels
8
USB 1.1/2.0/Host/Device (USB3)
COM1/2:
RS232
COM3/4:
No
Parallel Interface(s)
No
PS/2 Keyboard/Mouse
Yes/yes
Floppy Interface FCC/LPT
No
Watchdog
Yes
Supply Voltage
24V Isolated
20-30VDC tolerant
Power Normal (typ)
TBD
Power Suspend
TBD
UPS/Pb-Batt
Yes/Yes
Operating Temperature
-25 to 70 ºC
Extended Temperature
On request
Storage Temp.
-25 to 70 ºC
MTBF
>150,000 Hours
Calculation method: MIL-HDBK-217F
Dimensions
5.8” x 4” (147mm x 102mm)
3.5 inch form factor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com