Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLS15HD Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLS15HD
Description  Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLS15HD Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLS15HD Datasheet HTML 1Page - ADL Embedded Solutions ADLS15HD Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5-inch
Data subject to change without notice
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
ADLS15HD - Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
Features
• Intel Atom Z510 / Z530 Processor
• 1.1GHz - 1.6GHz
• Intel US15W System Controller Hub (SCH)
• FSB and Memory speeds up to 533MHz
• Up to 2048MB DDR2 SODIMM200
• Onboard Dual Gigabit Ethernet LAN ports
• Onboard DVI-D port up to 1600 x 1200 resolution
• 8x USB 2.0 Ports (4x internal headers)
• 2x RS232 COM Ports
• UDMA-100 Primary PATA Interface
• Mini-PCI socket
• Power Management
• Hardware Monitoring
• 24V Isolated (20-30VDC tolerant)
• Extended Temp Range Available
The ADLS15HD 3.5-inch embedded single board computer is based on
the Intel® AtomTM and the Intel® US15W (PoulsboTM) chipset. The Intel®
AtomTM is a single core processor built on a 45nm process that boasts
an impressive 2.64 watts TDP (CPU only). The Intel® AtomTM delivers
the benefits of genuine Intel® architecture to small form factor and ther-
mally constrained markets. The Intel® US15W System Controller Hub
(SCH) incorporates all functions of legacy GMCH and ICH architectures
into a single die.
The ADLS15HD takes advantage of these features by delivering high
performance and low thermals in a compact 3.5-inch form factor. The
Intel® graphics controller drives graphics up to 1600x1200@60Hz by
way of onboard DVI-D and/or 18/24 bit LVDS LCD. Memory is added
via an SODIMM200 socket that will accept up to 2GB of DDR2-400/533
DRAM. In addition to ACPI/APM functions, the ADLS15HD has the
following features: EIDE, 8xUSB 2.0, 2xRS232 COM ports, PS/2 Key-
board and Mouse, AC’97 and HDA 5.1 Sound, and Dual Gigabit
Ethernet LAN. The ADLS15HD has an isolated 24VDC input that is 20-
30VDC tolerant for powering the board. The ADLS15HD also provides
a built-in UPS (1 second std.) that will allow for a fast but safe shut-
down.
ADL Embedded Solutions offer very effective active and passive ther-
mal solutions designed for this product. Contact your sales representa-
tive for more information.
Ordering Information
Description
Item Code
Part #
Description
ADLS15HD-11N
294310
3.5-inch Atom 1.1GHz CPU, No Touch Screen Support
ADLS15HD-16N
294360
3.5-inch Atom 1.6GHz CPU, No Touch Screen Support
Standard Temp. (0°C to +70°C), DDR2-RAM (SODIMM200)
DDR2-DRAM512-6A
996926
DDR2 RAM 512MB for 945/Atom CPU, 200PIN
667MHz, 0°C to +70°C
DDR2-DRAM1024-6A
996026
DDR2 RAM 1024MB for 945/Atom CPU, 200PIN
667MHz, 0°C to +70°C
DDR2-DRAM2048-6A
996126
DDR2 RAM 2048MB for 945/Atom CPU, 200PIN
667MHz, 0°C to +70°C
Extended Temp. (-40°C to +85°C), DDR2-RAM (SODIMM200)
DDR2-DRAM512-EX
996927
DDR2 RAM 512MB for 945/Atom CPU, 667MHz, -40°C
to +85°C
DDR2-DRAM1024-EX
996027
DDR2 RAM 1GB, for 945/Atom CPU, 667MHz, -40°C to
+85°C
DDR2-DRAM2048-EX
996127
DDR2 RAM 2GB, for 945/Atom CPU, 667MHz, -40°C to
+85°C
Thermal Solutions
ADLS15HD-Spreader
294835
Thermal plate added to board for chassis mount
*More options may be available Contact our Sales Office*


Similar Part No. - ADLS15HD

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLS15HD-11N ADL-ADLS15HD-11N Datasheet
557Kb / 2P
Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
ADLS15HD-16N ADL-ADLS15HD-16N Datasheet
557Kb / 2P
Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
ADLS15HD ADL-ADLS15HD_15 Datasheet
557Kb / 2P
Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
More results

Similar Description - ADLS15HD

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSB200 ADL-MSB200 Datasheet
205Kb / 2P
3.5-inch Intel Atom 1.1GHz - 1.6GHz
logo
Protech Systems Co., Lt...
ISA-588LF PROTECHSYSTEMS-ISA-588LF Datasheet
756Kb / 2P
Intel Atom N270 (1.6GHz) CPU on board
logo
Advantech Co., Ltd.
SOM-5760 ADVANTECH-SOM-5760 Datasheet
1Mb / 2P
Intel짰 Atom??SCH US15W XL COM-Express CPU Module
SOM-6760 ADVANTECH-SOM-6760 Datasheet
351Kb / 2P
Intel짰 Atom??SCH US15W COM-Micro CPU Module
logo
Intel Corporation
319535-003US INTEL-319535-003US Datasheet
1,009Kb / 73P
Intel Atom Processor
logo
Advantech Co., Ltd.
SOM-3560 ADVANTECH-SOM-3560 Datasheet
1Mb / 2P
Intel짰 Atom??Processor SCH US15W Qseven CPU Module
logo
Intel Corporation
CH80566EE014DT INTEL-CH80566EE014DT Datasheet
1Mb / 73P
Intel짰 Atom??Processor Z5xx? Series
logo
Protech Systems Co., Lt...
ISA-825LF PROTECHSYSTEMS-ISA-825LF Datasheet
339Kb / 2P
ISA Intel Atom?
logo
ADL Embedded Solutions
ADLS15HD ADL-ADLS15HD_15 Datasheet
557Kb / 2P
Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
logo
Contec Co., Ltd
BX-U200 CONTEC-BX-U200 Datasheet
474Kb / 3P
BOX-PC Fanless, Atom x5-E3940 1.6GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com