Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT366 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT366
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT366 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT366 Datasheet HTML 1Page - Active-Semi, Inc ACT366 Datasheet HTML 2Page - Active-Semi, Inc ACT366 Datasheet HTML 3Page - Active-Semi, Inc ACT366 Datasheet HTML 4Page - Active-Semi, Inc ACT366 Datasheet HTML 5Page - Active-Semi, Inc ACT366 Datasheet HTML 6Page - Active-Semi, Inc ACT366 Datasheet HTML 7Page - Active-Semi, Inc ACT366 Datasheet HTML 8Page - Active-Semi, Inc ACT366 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACT366
Rev 1, 14-Nov-12
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
METHOD
TOP MARK
ACT366YH-T
-40°C to 85°C
SOP-8/EP
8
TAPE & REEL
ACT366YH
ORDERING INFORMATION
SOP-8/EP
ACT366YH
PIN
NAME
DESCRIPTION
1
SW
Switch Drive. Switch node for the external NPN transistor. Connect this pin to the external power
NPN’s emitter. This pin also supplies current to VDD during startup.
2,4,7
GND
Ground.
8
BD
Base Drive. Base driver for the external NPN transistor.
6
VDD
Power Supply. This pin provides bias power for the IC during startup and steady state operation.
5
FB
Feedback Pin. Connect this pin to a resistor divider network from the auxiliary winding.
3
CS
Current Sense Pin. Connect an external resistor (RCS) between this pin and ground to set peak
current limit for the primary switch. The peak current limit is set by (0.396V × 0.9) / RCS. For more
detailed information, see Application Information.
EP
EP
Exposed Pad shown as dashed box. The exposed thermal pad should be connected to board
ground plane and pin 4. The ground plane should include a large exposed copper pad under the
package for thermal dissipation (see package outline). The leads and exposed pad should be
flush with the board, without offset from the board surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com