Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT366 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT366
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT366 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT366 Datasheet HTML 1Page - Active-Semi, Inc ACT366 Datasheet HTML 2Page - Active-Semi, Inc ACT366 Datasheet HTML 3Page - Active-Semi, Inc ACT366 Datasheet HTML 4Page - Active-Semi, Inc ACT366 Datasheet HTML 5Page - Active-Semi, Inc ACT366 Datasheet HTML 6Page - Active-Semi, Inc ACT366 Datasheet HTML 7Page - Active-Semi, Inc ACT366 Datasheet HTML 8Page - Active-Semi, Inc ACT366 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
High Performance ActivePSR
TM Primary Switching Regulator
FEATURES
Patented Primary Side Regulation
Technology
No Opto-Coupler
Suitable Operation Frequency up to 85kHZ
Best-in-Class Constant Voltage Accuracy
Proprietary Fast Startup with Big Capacitive
Load
Built-in Soft-Start Circuit
Integrated Line and Primary Inductance
Compensation
Integrated Programmable Output Cord
Resistance Compensation
Line Under-Voltage, Output Over-Voltage,
Output Short-Circuit and Over-Temperature
Protection
Complies with all Global Energy Efficiency
and CEC Average Efficiency Standards
Dedicate Adapter Application from 6W to
14W
APPLICATIONS
RCC Adapter Replacements
Linear Adapter Replacements
Standby and Auxiliary Supplies
GENERAL DESCRIPTION
The ACT366 belongs to the high performance
patented ActivePSRTM Family of Universal-input
AC/DC off-line controllers for adapter applications.
It is designed for flyback topology working in
discontinuous
conduction
mode
(DCM).
The
ACT366 meets all of the global energy efficiency
regulations (CEC, European Blue Angel, and US
Energy Star standards) while using very few
external components.
The ACT366 ensures safe operation with complete
protection against all fault conditions. Built-in
protection circuitry is provided for output short-
circuit, output over-voltage, line under-voltage, and
over temperature conditions.
The ACT366 ActivePSRTM is optimized for high
performance,
cost-sensitive
applications,
and
utilizes
Active-Semi’s
proprietary
primary-side
feedback architecture to provide accurate constant
voltage, constant current (CV/CC) regulation
without the need of an opto-coupler or reference
device. Integrated line and primary inductance
compensation circuitry provides accurate constant
current operation despite wide variations in line
voltage and primary inductance. Integrated output
cord resistance compensation further enhances
output accuracy. The ACT366 achieves excellent
regulation and transient response, yet requires less
than 150mW of standby power.
The ACT366 is optimized for compact size 6W to
14W adapter applications. It is available in SOP-
8/EP (Exposed Pad) package.
Figure 1:
Simplified Application Circuit
ACT366
PART
NUMBER
85-265VAC
TYPICAL
APPLICATION
Po MAX
ACT366YH-T
(SOP-8/EP)
12V/1A
14W
Table 1:
Output Power Table
Rev 1, 14-Nov-12


Similar Part No. - ACT366

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT366 ACTIVE-SEMI-ACT366 Datasheet
132Kb / 3P
High Performance ActivePSRTM Primary Switching Regulator
15-Apr-11
More results

Similar Description - ACT366

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT336 ACTIVE-SEMI-ACT336 Datasheet
108Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337 Datasheet
149Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT366 ACTIVE-SEMI-ACT366 Datasheet
132Kb / 3P
High Performance ActivePSRTM Primary Switching Regulator
15-Apr-11
ACT334 ACTIVE-SEMI-ACT334_14 Datasheet
287Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT337 ACTIVE-SEMI-ACT337_14 Datasheet
398Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT361 ACTIVE-SEMI-ACT361_14 Datasheet
330Kb / 14P
High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_14 Datasheet
274Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 4, 14-Nov-12
ACT365 ACTIVE-SEMI-ACT365_14 Datasheet
267Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 10-Jan-13
ACT330US-T ACTIVE-SEMI-ACT330US-T Datasheet
139Kb / 4P
High Performance ActivePSRTM Primary Switching Regulator
2009
EA361US ACTIVE-SEMI-EA361US Datasheet
330Kb / 13P
High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com