Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5220 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5220
Description  Increment/Decrement Digital Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5220 Datasheet HTML 2Page - Analog Devices AD5220 Datasheet HTML 3Page - Analog Devices AD5220 Datasheet HTML 4Page - Analog Devices AD5220 Datasheet HTML 5Page - Analog Devices AD5220 Datasheet HTML 6Page - Analog Devices AD5220 Datasheet HTML 7Page - Analog Devices AD5220 Datasheet HTML 8Page - Analog Devices AD5220 Datasheet HTML 9Page - Analog Devices AD5220 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AD5220
–6–
REV. 0
80
0
100k
1k
10k
60
40
20
1M
FREQUENCY – Hz
VDD = +5V DC 1V p-p AC
TA = +25 C
CODE = 40H
CL = 10pF
VA = 4V, VB = 0V
Figure 22. Power Supply Rejection
vs. Frequency
TEMPERATURE – C
0.10
0.0001
–40
0.001
–15
10
35
60
85
LOGIC = 0V OR VDD
VD = +5.5V
VDD = +3.3V
0.01
Figure 25. Supply Current vs. Tem-
perature IDD
CLOCK FREQUENCY – Hz
400
0
1k
10M
200
10k
100k
1M
350
150
300
100
250
50
DATA = 3FH
VB = 0V
TA = +25 C
VDD = +5.5V
VA = +5.5V
VDD = +2.7V
VA = +2.7V
Figure 23. IDD Supply Current vs.
Clock Frequency
DIGITAL INPUT VOLTAGE – V
10
0
1
0.1
0.01
0.001
1.0
2.0
3.0
4.0
5.0
TA = +25 C
ALL LOGIC INPUT
PINS TIED TOGETHER
VDD = +5V
VDD = +3V
Figure 26. Supply Current vs. Input
Logic Voltage
VB – Volts
80
0
01
6
23
45
60
40
20
TA = +25 C
SEE FIGURE 34
FOR TEST CIRCUIT
VDD = +2.7V
VDD = +5.5V
Figure 24. Incremental Wiper
Contact Resistance vs. VB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com