Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5220 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5220
Description  Increment/Decrement Digital Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220 Datasheet(HTML) 1 Page - Analog Devices

  AD5220 Datasheet HTML 1Page - Analog Devices AD5220 Datasheet HTML 2Page - Analog Devices AD5220 Datasheet HTML 3Page - Analog Devices AD5220 Datasheet HTML 4Page - Analog Devices AD5220 Datasheet HTML 5Page - Analog Devices AD5220 Datasheet HTML 6Page - Analog Devices AD5220 Datasheet HTML 7Page - Analog Devices AD5220 Datasheet HTML 8Page - Analog Devices AD5220 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD5220
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Increment/Decrement
Digital Potentiometer
FUNCTIONAL BLOCK DIAGRAM
UP/
DOWN
CNTR
RS
D
E
C
O
D
E
7
40H
POR
EN
AD5220
VDD
A
W
B
GND
CLK
CS
U/
D
FEATURES
128 Position
Potentiometer Replacement
10 k , 50 k , 100 k
Very Low Power: 40
A Max
Increment/Decrement Count Control
APPLICATIONS
Mechanical Potentiometer Replacement
Remote Incremental Adjustment Applications
Instrumentation: Gain, Offset Adjustment
Programmable Voltage-to-Current Conversion
Programmable Filters, Delays, Time Constants
Line Impedance Matching
Power Supply Adjustment
GENERAL DESCRIPTION
The AD5220 provides a single channel, 128-position digitally
controlled variable resistor (VR) device. This device performs
the same electronic adjustment function as a potentiometer or
variable resistor. These products were optimized for instrument
and test equipment push-button applications. A choice between
bandwidth or power dissipation are available as a result of the
wide selection of end-to-end terminal resistance values.
The AD5220 contains a fixed resistor with a wiper contact that
taps the fixed resistor value at a point determined by a digitally
controlled UP/DOWN counter. The resistance between the
wiper and either end point of the fixed resistor provides a con-
stant resistance step size that is equal to the end-to-end resis-
tance divided by the number of positions (e.g., RSTEP = 10 kΩ/
128 = 78
Ω). The variable resistor offers a true adjustable value
of resistance, between the A terminal and the wiper, or the B
terminal and the wiper. The fixed A-to-B terminal resistance of
10 k
Ω, 50 kΩ, or 100 kΩ has a nominal temperature coefficient
of 800 ppm/
°C.
The chip select CS, count CLK and U/D direction control
inputs set the variable resistor position. These inputs that con-
trol the internal UP/DOWN counter can be easily generated
with mechanical or push button switches (or other contact closure
devices). External debounce circuitry is required for the nega-
tive-edge sensitive CLK pin. This simple digital interface elimi-
nates the need for microcontrollers in front panel interface designs.
The AD5220 is available in both surface mount (SO-8) and the
8-lead plastic DIP package. For ultracompact solutions selected
models are available in the thin
µSOIC package. All parts are
guaranteed to operate over the extended industrial temperature
range of –40
°C to +85°C. For 3-wire, SPI compatible inter-
face applications, see the AD7376/AD8400/AD8402/AD8403
products.
UPCOUNT DETAIL
VDD = 5.5V
VA = 5.5V
VB = 0V
f = 100kHz
CLK
VWB
50mV/DIV
5V/DIV
Figure 2a. Stair-Step Increment Output
VDD = 5.5V
VA = 5.5V
VB = 0V
f = 60kHz
COUNT
00H v 3FH v 00H
VWR
fCLK = 60kHz
Figure 2b. Full-Scale Up/Down Count
AD5220
CS
U/
D
CLK
+5V
UP/DOWN
INCREMENT
Figure 1. Typical Push-Button Control Application


Similar Part No. - AD5220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220 AD-AD5220 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5220 AD-AD5220 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5220 AD-AD5220 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD5220 AD-AD5220 Datasheet
679Kb / 11P
Increment Decrement Digital Potentionmeter
REV. A
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
Increment/Decrement Digital Potentiometer
REV. A
More results

Similar Description - AD5220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5222 AD-AD5222 Datasheet
173Kb / 10P
Increment/Decrement Dual Digital Potentiometer
logo
ams AG
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
Digital Potentiometer
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
Digital Potentiometer
logo
Analog Devices
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ100 AD-AD5220BNZ100 Datasheet
679Kb / 11P
Increment/Decrement Digital Potentiometer
REV. A
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
logo
Analog Devices
AD5220 AD-AD5220_15 Datasheet
679Kb / 11P
Increment Decrement Digital Potentionmeter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com