Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5201 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5201
Description  2-Channel, 256-Position Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5201 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5201 Datasheet HTML 8Page - Analog Devices AD5201 Datasheet HTML 9Page - Analog Devices AD5201 Datasheet HTML 10Page - Analog Devices AD5201 Datasheet HTML 11Page - Analog Devices AD5201 Datasheet HTML 12Page - Analog Devices AD5201 Datasheet HTML 13Page - Analog Devices AD5201 Datasheet HTML 14Page - Analog Devices AD5201 Datasheet HTML 15Page - Analog Devices AD5201 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
AD5207
–12–
TEST CIRCUITS
Figures 10 to 18 define the test conditions used in product
Specification table.
VMS
A
W
B
DUT
V+
V+ = VDD
1 LSB = V+/2N
Figure 10. Potentiometer Divider Nonlinearity Error Test
Circuit (INL, DNL)
VMS
A
W
B
DUT
NO CONNECT
IW
Figure 11. Resistor Position Nonlinearity Error (Rheostat
Operation; R-INL, R-DNL)
VMS1
A
W
B
DUT
IW = VDD/RNOMINAL
VMS2
VW
RW = [VMS1 – VMS2]/IW
Figure 12. Wiper Resistance Test Circuit
VMS%
VDD%
PSS (%/%) =
V+ = VDD 10%
PSRR (dB) = 20 LOG
VMS
VDD
VMS
A
W
B
V+
VDD
VA
Figure 13. Power Supply Sensitivity Test Circuit
(PSS, PSSR)
OP279
W
5V
B
VOUT
OFFSET
GND
OFFSET BIAS
A
DUT
VIN
Figure 14. Inverting Gain Test Circuit
OFFSET BIAS
B
OFFSET
GND
A
DUT
OP279
W
5V
VOUT
VIN
Figure 15. Noninverting Gain Test Circuit
OP42
VOUT
VIN
+15V
OFFSET
GND
–15V
W
B
A
2.5V
DUT
Figure 16. Gain vs. Frequency Test Circuit
W
B
VSS TO VDD
DUT
ISW
CODE =
H
RSW =
0.1V
ISW
0.1V
+
–
Figure 17. Incremental ON Resistance Test Circuit
ICM
A
W
B
NC
GND
NC
VSS
VDD
DUT
VCM
NC = NO CONNECT
Figure 18. Common-Mode Leakage Current Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com