Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5201 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5201
Description  2-Channel, 256-Position Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5201 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5201 Datasheet HTML 8Page - Analog Devices AD5201 Datasheet HTML 9Page - Analog Devices AD5201 Datasheet HTML 10Page - Analog Devices AD5201 Datasheet HTML 11Page - Analog Devices AD5201 Datasheet HTML 12Page - Analog Devices AD5201 Datasheet HTML 13Page - Analog Devices AD5201 Datasheet HTML 14Page - Analog Devices AD5201 Datasheet HTML 15Page - Analog Devices AD5201 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
AD5207
–13–
DIGITAL POTENTIOMETER FAMILY SELECTION GUIDE
Number
Resolution
Power
of VRs
Terminal
Interface
Nominal
(Number
Supply
Part
per
Voltage
Data
Resistance
of Wiper
Current
Number
Package
Range
Control
(k )
Positions)
(IDD)
Packages
Comments
AD5201
1
±3 V, +5.5 V
3-Wire
10, 50
33
40
µA
µSOIC-10
Full AC Specs, Dual Supply,
Pwr-On-Reset, Low Cost
AD5220
1
5.5 V
Up/Down
10, 50, 100
128
40
µA
PDIP, SO-8,
µSOIC-8 No Rollover, Pwr-On-Reset
AD7376
1
±15 V, +28 V
3-Wire
10, 50, 100, 1000
128
100
µA
PDIP-14, SOL-16,
Single +28 V or Dual
±15 V
TSSOP-14
Supply Operation
AD5200
1
±3 V, +5.5 V
3-Wire
10, 50
256
40
µA
µSOIC-10
Full AC Specs, Dual Supply,
Pwr-On-Reset
AD8400
1
5.5 V
3-Wire
1, 10, 50, 100
256
5
µA
SO-8
Full AC Specs
AD5260
1
±5 V, +15 V
3-Wire
20, 50, 200
256
60
µA
TSSOP-14
15 V or
±5 V,
TC < 50 ppm/
°C
AD5241
1
±3 V, +5.5 V
2-Wire
10, 100, 1000
256
50
µA
SO-14, TSSOP-14
I2C-Compatible, TC
< 50 ppm/
°C
AD5231
* 1
±3 V, +5.5 V
3-Wire
10, 50, 100
1024
20
µA
TSSOP-16
Nonvolatile Memory, Direct
Program, I/D,
±6 dB Settability
AD5222
2
±3 V, +5.5 V
Up/Down
10, 50, 100, 1000
128
80
µA
SO-14, TSSOP-14
No Rollover, Stereo, Pwr-On-
Reset, TC < 50 ppm/
°C
AD8402
2
5.5 V
3-Wire
1, 10, 50, 100
256
5
µA
PDIP, SO-14,
Full AC Specs, nA
TSSOP-14
Shutdown Current
AD5207
2
±3 V, +5.5 V
3-Wire
10, 50, 100
256
40
µA
TSSOP-14
Full AC specs, Dual Supply,
Pwr-On-Reset, SDO
AD5232
* 2
±3 V, +5.5 V
3-Wire
10, 50, 100
256
20
µA
TSSOP-16
Nonvolatile Memory, Direct
Program, I/D,
±6 dB Settability
AD5235
* 2
±3 V, +5.5 V
3-Wire
25, 250
1024
20
µA
TSSOP-16
Nonvolatile Memory, Direct
Program, TC < 50 ppm/
°C
AD5242
2
±3 V, +5.5 V
2-Wire
10, 100, 1000
256
50
µA
SO-16, TSSOP-16
I2C-Compatible, TC
< 50 ppm/
°C
AD5262
* 2
±5 V, +15 V
3-Wire
20, 50, 200
256
60
µA
TSSOP-16
±15 V or ±5 V, Pwr-On-
Reset, TC < 50 ppm/
°C
AD5203
4
5.5 V
3-Wire
10, 100
64
5
µA
PDIP, SOL-24,
Full AC Specs, nA
TSSOP-24
Shutdown Current
AD5233
* 4
±3 V, +5.5 V
3-Wire
10, 50, 100
64
20
µA
TSSOP-16
Nonvolatile Memory, Direct
Program, I/D,
±6 dB Settability
AD5204
4
±3 V, +5.5 V
3-Wire
10, 50, 100
256
60
µA
PDIP, SOL-24,
Full AC Specs, Dual Supply,
TSSOP-24
Pwr-On-Reset
AD8403
4
5.5 V
3-Wire
1, 10, 50, 100
256
5
µA
PDIP, SOL-24,
Full AC Specs, nA
TSSOP-24
Shutdown Current
AD5206
6
±3 V, +5.5 V
3-Wire
10, 50, 100
256
60
µA
PDIP, SOL-24,
Full AC Specs, Dual Supply,
TSSOP-24
Pwr-On-Reset
*Future product, consult factory for latest status.
Latest Digital Potentiometer Information available at www.analog.com/support/standard_linear/selection_guides/dig_pot.html



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com