Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2113 Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT2113
Description  18V/3A Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2113 Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT2113 Datasheet HTML 8Page - Active-Semi, Inc ACT2113 Datasheet HTML 9Page - Active-Semi, Inc ACT2113 Datasheet HTML 10Page - Active-Semi, Inc ACT2113 Datasheet HTML 11Page - Active-Semi, Inc ACT2113 Datasheet HTML 12Page - Active-Semi, Inc ACT2113 Datasheet HTML 13Page - Active-Semi, Inc ACT2113 Datasheet HTML 14Page - Active-Semi, Inc ACT2113 Datasheet HTML 15Page - Active-Semi, Inc ACT2113 Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ACT2113
Rev 3, 23-May-12
®
Innovative PowerTM
- 14 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(L = 4.7µH, CIN = 100µF, COUT = 330µF, Ta = 25°C, RCOMP = 27k, CCOMP1 = 2.2nF, CCOMP2 = N/C)
3A Load Operation
CH1
CH2
VIN = 12V
V0UT = 5V
CH1: VRIPPLE, 50mV/div
CH2: SW, 5V/div
TIME: 1µs/div
Load Transient (0A~1.5A)
CH1
CH2
CH1: VOUT, 100mV/div
CH2: ILOAD, 1A/div
TIME: 2ms//div
VIN = 12V
V0UT = 5V
Load Transient (1.5A~3A)
CH1
CH2
VIN = 12V
V0UT = 5V
CH1: VOUT, 100mV/div
CH2: ILOAD, 1A/div
TIME: 2ms//div
Start Up with VIN (Load 0A)
CH1
CH2
CH1: VIN, 10V/div
CH2: VOUT, 5V/div
CH3: SW, 10V/div
CH4: IL, 2A/div
TIME: 2ms/div
VIN = 12V
V0UT = 5V
CH3
CH4
Start Up with VIN (Load 3A)
CH1
CH2
VIN = 12V
V0UT = 5V
CH3
CH4
CH1: VIN, 10V/div
CH2: VOUT, 5V/div
CH3: SW, 10V/div
CH4: IL, 2A/div
TIME: 2ms/div
Start Up with EN (Load 0A)
CH1
CH2
VIN = 12V
V0UT = 5V
CH3
CH4
CH1: EN, 5V/div
CH2: VOUT, 5V/div
CH3: SW, 10V/div
CH4: IL, 2A/div
TIME: 2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com