Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2113 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2113
Description  18V/3A Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2113 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2113 Datasheet HTML 1Page - Active-Semi, Inc ACT2113 Datasheet HTML 2Page - Active-Semi, Inc ACT2113 Datasheet HTML 3Page - Active-Semi, Inc ACT2113 Datasheet HTML 4Page - Active-Semi, Inc ACT2113 Datasheet HTML 5Page - Active-Semi, Inc ACT2113 Datasheet HTML 6Page - Active-Semi, Inc ACT2113 Datasheet HTML 7Page - Active-Semi, Inc ACT2113 Datasheet HTML 8Page - Active-Semi, Inc ACT2113 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
3A Output Current
Wide 4.5V to 18V Operating Input Range
Synchronous Buck Topology
Integrated 85mΩ Power MOSFET Switches
Output Adjustable from 0.923V to 12V
Up to 95% Efficiency
Stable with Low ESR Ceramic Output
Capacitors
Internal Soft Start
3mA Low Standby Input Current
High Light Load Efficiency
Cycle-by-Cycle Over Current Limit
Input Under Voltage Lockout
Hiccup Protection at Short Circuit and Over
Current
Frequency Fold Back Protection
Low Power Dissipation at Over Current and
Short Circuit
APPLICATIONS
LCD-TV
Set-top Box
Distributed Power Systems
Networking Systems
GENERAL DESCRIPTION
ACT2113 is a monolithic synchronous buck
regulator.
The
device
integrates
two
85mΩ
MOSFETs, and provides 3A of continuous load
current over a wide input voltage of 4.5V to 18V.
Current mode control provides fast transient
response and cycle-by-cycle current limit. Hiccup at
short circuit reduces IC temperatures.
An internal soft-start prevents inrush current at turn-
on, and in shutdown mode the supply current drops
to 10μA. Pulse-skipping mode at light load reduces
standby power down to 3mA.
This device, available in an 8-pin SOP-8EP
package, provides a very compact solution with
minimal external components.
ACT2113
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
®
Load Current (mA)
10
100
1000
10000
Efficiency vs. Load Current
VOUT = 5V
VIN = 7.5V
VIN = 12V
VIN = 18V
100
90
80
70
60
50
40
30


Similar Part No. - ACT2113

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2113YH-T ACTIVE-SEMI-ACT2113YH-T Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
More results

Similar Description - ACT2113

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103_14 Datasheet
732Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7230 AITSEMI-A7230 Datasheet
1Mb / 17P
DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED
REV1.1
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com