Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4060B Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT4060B
Description  18V/2A Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060B Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT4060B Datasheet HTML 8Page - Active-Semi, Inc ACT4060B Datasheet HTML 9Page - Active-Semi, Inc ACT4060B Datasheet HTML 10Page - Active-Semi, Inc ACT4060B Datasheet HTML 11Page - Active-Semi, Inc ACT4060B Datasheet HTML 12Page - Active-Semi, Inc ACT4060B Datasheet HTML 13Page - Active-Semi, Inc ACT4060B Datasheet HTML 14Page - Active-Semi, Inc ACT4060B Datasheet HTML 15Page - Active-Semi, Inc ACT4060B Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ACT4060B
Rev 1, 23-May-12
®
Innovative PowerTM
- 12 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(L = 22µH, CIN = 100µF, COUT = 330µF, Ta = 25°C, RCOMP = 15k, CCOMP1 = 2.2nF, CCOMP2 = N/C)
0.94
0.93
0.92
0.91
0.9
0.95
FB Voltage vs. Load Current
FB Voltage vs. IC Temperature
0.926
0.923
0.92
0.917
0.914
0.911
0.929
0.932
Temperature (°C)
20
40
60
80
100
120
140
160
Shutdown Current vs. VIN
21
18
15
12
9
6
3
0
24
VIN Voltage (V)
5
7
9
11
13
17
15
19
21
Frequency vs. VIN
420
400
380
360
340
320
300
280
Frequency vs. FB Voltage
250
200
150
100
50
0
300
350
400
FB Voltage (V)
0
200
400
600
800
1000
Load Current (mA)
0
400
800
1200
1600
2000
VIN Voltage (V)
2
4
6
8
10
14
12
16
20
22
18
Load Current (mA)
10
100
1000
10000
80
75
70
65
60
55
85
90
95
100
VOUT = 5V
VIN = 7V
VIN = 12V
VIN = 18V
Efficiency vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com