Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Rich Featured PMU for Smart Phone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT5880 Datasheet HTML 1Page - Active-Semi, Inc ACT5880 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT5880
Product Brief, 05-Dec-11
®
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
PRODUCT OPTIONS
Block
Function
Output Voltage
Capability
REG1
Step-Down DC/DC
0.6V to 3.9V
1.2A
REG2
Step-Down DC/DC
0.7A
REG3
Step-Down DC/DC
750mA
REG4
LDO
0.6V to 3.9V
360mA
REG5
LDO
250mA
REG6
LDO
360mA
REG7
LDO
360mA
0.6V to 3.9V
0.6V to 3.9V
0.6V to 3.9V
0.6V to 3.9V
0.6V to 3.9V
REG8
LDO
0.6V to 3.9V
360mA
REG9
LDO
0.6V to 3.9V
250mA
REG10
LDO
0.6V to 3.9V
150mA
REG11
LDO
0.6V to 3.9V
80mA
REG12
LDO
0.6V to 3.9V
250mA
REG13
LDO
0.6V to 3.9V
150mA
CHGR
Battery Charger
4.2V
Programmable up to 1A
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com