Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Rich Featured PMU for Smart Phone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT5880 Datasheet HTML 1Page - Active-Semi, Inc ACT5880 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
ACT5880
15 Channels Rich Featured PMU for Smart Phone
FEATURES
• Fexible CCCV Charger with Internal MOSFET
− Programmable Charger Current
− Programmable Charger Termination Voltage
− Programmable OVP Threshold
− Regulation against Die Thermal Condition
− Charger Status Output, LED Driving
− Battery Thermal Condition Monitor
− Battery Installation Detection
− USB Charging Compatible
• 15 Power Rails
− 1.2A and 0.7A Step-Down Regulators
− Step-Up Regulator, ~40V, ~750mA Switch
− 7 High PSRR LDOs
− 3 Low Quiesent Current LDOs, 1 Always-on
− 1 Standby Battery/Super-Capacitor Charger
• Rich Functionality
− I2C Compatible Serial Interface
− Touch-Screen Controller with 3-aux Inputs
− Real Time Clock
− 3 CC/PWM LED drivers, one of them ~40V
APPLICATIONS
• Smart Phones, Mobile Internet Device
GENERAL DESCRIPTION
The ACT5880 provides total 15 power rails and
manages them through an I
2C compatible serial
interface, together with the CCCV charging battery
management, builds a nearly complete environment
for running smart phone system, mobile internet
device system, or any system with rich peripherals
like wireless modules, various radio recievers.
The CCCV charger in the ACT5880 is a full function
super set for safe operation in various system
conditions,
including
charging
without
system
involving, charging with heavy system load and
charging in long cord-time operation.
Other benefitial functions inlcude a touch-screen
controller, 3 current controlled LED drivers, one of
which could work with 40V LED string, a RTC and a
backup battery charger.
The ACT5880 is flexible to support different power
on sequences and default power-on states, including
on or off and voltages, which makes it suitable for
various systems with different processors.
The ACT5880 is avialable in 81 balls, 6mmX6mm in
size, 1mm in height FC FBGA package.
TYPICAL APPLICATION DIAGRAM
®
Product Brief, 05-Dec-11


Similar Part No. - ACT5880

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880 Datasheet
1Mb / 87P
15 Channels Advanced PMU for Smart Phone
Rev 2, 03-Sep-13
ACT5880WX1150-T ACTIVE-SEMI-ACT5880WX1150-T Datasheet
1Mb / 87P
15 Channels Advanced PMU for Smart Phone
Rev 2, 03-Sep-13
ACT5880 ACTIVE-SEMI-ACT5880_14 Datasheet
1Mb / 87P
15 Channels Advanced PMU for Smart Phone
Rev 2, 03-Sep-13
More results

Similar Description - ACT5880

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
80Kb / 5P
Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
Intelligent Manager Smart PMU/GPIO
logo
Texas Instruments
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
Dual-Channel WLED Drivers For Smart Phone
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
Dual-Channel WLED Drivers for Smart Phone
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880_14 Datasheet
1Mb / 87P
15 Channels Advanced PMU for Smart Phone
Rev 2, 03-Sep-13
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
654 Channels PMU
G2207 GMT-G2207 Datasheet
97Kb / 1P
66 Channels PMU for DSC
G2206 GMT-G2206 Datasheet
117Kb / 1P
63 Channels PMU and Li-ion Battery Charger for DSC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com