Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5282 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5282
Description  15V, I2C Compatible Digital Potentiometers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5282 Datasheet(HTML) 3 Page - Analog Devices

  AD5282 Datasheet HTML 1Page - Analog Devices AD5282 Datasheet HTML 2Page - Analog Devices AD5282 Datasheet HTML 3Page - Analog Devices AD5282 Datasheet HTML 4Page - Analog Devices AD5282 Datasheet HTML 5Page - Analog Devices AD5282 Datasheet HTML 6Page - Analog Devices AD5282 Datasheet HTML 7Page - Analog Devices AD5282 Datasheet HTML 8Page - Analog Devices AD5282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRELIMINARY TECHNICAL DATA
AD5280/AD5282
REV PrE 12 MAR 02
3
Information contained in this Product Concept Data Sheet describes a product in the early definition stage. There is no guarantee that the information contained here will become a final
product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa Clara, CA. TEL 408 382-3107; FAX 408 382-2721; email; walt.heinzer@analog.com
ELECTRICAL CHARACTERISTICS 20K, 50K, 200K OHM VERSION (V
DD = +5V, VSS = -5V, VLOGIC = +5V,
VA = +VDD, VB = 0V, -40°C < TA < +85°C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
1
Max
Units
DYNAMIC CHARACTERISTICS6,9,11
Bandwidth –3dB
BW_20K
RAB = 20K
Ω, Code = 80H
650
kHz
BW_50K
RAB = 50K
Ω, Code = 80H
142
kHz
BW_200K
RAB = 200K
Ω, Code = 80H
69
kHz
Total Harmonic Distortion
THDW
VA =1Vrms + 2V dc, VB = 2V DC, f=1KHz
0.005
%
VW Settling Time
tS
VA= VDD, VB=0V, ±1 LSB error band
2
µs
Resistor Noise Voltage
eN_WB
RWB = 10KΩ, f = 1KHz
14
nV
√Hz
INTERFACE TIMING CHARACTERISTICS applies to all parts(Notes 6,12)
SCL Clock Frequency
fSCL
0
400
KHz
tBUF Bus free time between STOP & START
t1
1.3
µs
tHD;STA Hold Time (repeated START)
t2
After this period the first clock pulse is generated
0.6
µs
tLOW Low Period of SCL Clock
t3
1.3
µs
tHIGH High Period of SCL Clock
t4
0.6
µs
tSU;STA Setup Time For START Condition t5
0.6
µs
tHD;DAT Data Hold Time
t6
0
0.9
µs
tSU;DAT Data Setup Time
t7
100
ns
tF Fall Time of both SDA & SCL signals
t8
300
ns
tR Rise Time of both SDA & SCL signals
t9
300
ns
tSU;STO Setup time for STOP Condition
t10
0.6
µs
NOTES:
1.
Typicals represent average readings at +25°C, VDD = +5V, VSS = -5V.
2.
Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the
relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3.
VAB = VDD, Wiper (VW) = No connect
4.
INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0V.
DNL specification limits of ±1LSB maximum are Guaranteed Monotonic operating conditions.
5.
Resistor terminals A,B,W have no limitations on polarity with respect to each other.
6.
Guaranteed by design and not subject to production test.
9.
Bandwidth, noise and settling time are dependent on the terminal resistance value chosen. The lowest R value results in the fastest settling time and highest bandwidth. The highest R value
result in the minimum overall power consumption.
10.
PDISS is calculated from (IDD x VDD). CMOS logic level inputs result in minimum power dissipation.
11.
All dynamic characteristics use VDD = +5V.
12.
See timing diagram for location of measured values.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com