Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5282 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5282
Description  15V, I2C Compatible Digital Potentiometers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5282 Datasheet(HTML) 4 Page - Analog Devices

  AD5282 Datasheet HTML 1Page - Analog Devices AD5282 Datasheet HTML 2Page - Analog Devices AD5282 Datasheet HTML 3Page - Analog Devices AD5282 Datasheet HTML 4Page - Analog Devices AD5282 Datasheet HTML 5Page - Analog Devices AD5282 Datasheet HTML 6Page - Analog Devices AD5282 Datasheet HTML 7Page - Analog Devices AD5282 Datasheet HTML 8Page - Analog Devices AD5282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRELIMINARY TECHNICAL DATA
AD5280/AD5282
4
REV PrE 12 MAR 02
Information contained in this Product Concept Data Sheet describes a product in the early definition stage. There is no guarantee that the information contained here will become a final
product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa Clara, CA. TEL 408 382-3107; FAX 408 382-2721; email; walt.heinzer@analog.com
ABSOLUTE MAXIMUM RATINGS (TA = +25°C, unless
otherwise noted)
VDD to GND ............................................................. -0.3, +15V
VSS to GND .................................................................. 0V, -7V
VDD to VSS ...................................................................... +15V
VA, VB, VW to GND...................................................VSS, VDD
AX – BX, AX – WX, BX – WX.........................................±20mA
Digital Input Voltage to GND.........................................0V, 7V
Operating Temperature Range ...........................-40°C to +85°C
Thermal Resistance
*
θ
JA,
TSSOP-14 ........................................................206°C/W
TSSOP-16 ........................................................180°C/W
Maximum Junction Temperature (TJ MAX) .................... +150°C
Storage Temperature ........................................-65°C to +150°C
Lead Temperature
RU-14, RU-16 (Vapor Phase, 60 sec) ....................... +215°C
RU-14, RU-16 (Infrared, 15 sec) .............................. +220°C
*Package Power Dissipation (T
JMAX - TA) / θJA
AD5280 PIN CONFIGURATION
A
W
B
VDD
SHDN
SHDN
SHDN
SHDN
SCL
SDA
O1
VL
O2
VSS
GND
AD1
AD0
14
13
12
11
10
9
8
1
2
3
4
5
6
7
AD5282 PIN CONFIGURATION
O1
A1
W1
B1
VDD
SHDN
SHDN
SHDN
SHDN
SCL
SDA
A2
W2
B2
VL
VSS
GND
AD1
AD0
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TABLE 1: AD5280 PIN Function Descriptions
Pin
Name
Description
1
A
Resistor terminal A
2
W
Wiper terminal W
3
B
Resistor terminal B
4
VDD
Positive power supply, specified for
operation from +5 to +15V.
5
SHDN
Active Low, Asynchronous connection of
the wiper W to terminal B, and open
circuit of terminal A. RDAC register
contents unchanged.
6
SCL
Serial Clock Input
7
SDA
Serial Data Input/Output
8
AD0
Programmable address bit for multiple
package decoding. Bits AD0 & AD1
provide 4 possible addresses.
9
AD1
Programmable address bit for multiple
package decoding. Bits AD0 & AD1
provide 4 possible addresses.
10
GND
Common Ground
11
VSS
Negative power supply, specified for
operation from 0 to -5V
12
O2
Logic Output terminal O2
13
VL
Logic Supply Voltage, needs to be same
voltage as the digital logic controlling the
AD5280.
14
O1
Logic Output terminal O1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com