Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8931A Datasheet(PDF) 22 Page - Active-Semi, Inc

Part # ACT8931A
Description  Advanced PMU for Rockchip RK2928/RK2926 Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8931A Datasheet(HTML) 22 Page - Active-Semi, Inc

Back Button ACT8931A Datasheet HTML 18Page - Active-Semi, Inc ACT8931A Datasheet HTML 19Page - Active-Semi, Inc ACT8931A Datasheet HTML 20Page - Active-Semi, Inc ACT8931A Datasheet HTML 21Page - Active-Semi, Inc ACT8931A Datasheet HTML 22Page - Active-Semi, Inc ACT8931A Datasheet HTML 23Page - Active-Semi, Inc ACT8931A Datasheet HTML 24Page - Active-Semi, Inc ACT8931A Datasheet HTML 25Page - Active-Semi, Inc ACT8931A Datasheet HTML 26Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
ACT8931A
Rev 3, 29-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 22 -
www.active-semi.com
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
REG3 Efficiency vs. Output Current
100
80
60
40
20
0
Output Current (mA)
1
10
100
1000
VOUT = 1.3V
VIN = 3.6V
VIN=5.0V
VIN = 4.2V
Temperature (°C)
-40
-20
0
20
40
60
80
REG1, 2, 3 Output Voltage vs. Temperature
ILOAD = 100mA
0.02
0.01
0
-0.01
-0.02
VOUT ≤ 1.2V
VOUT > 1.2V
REG1, 2, 3 MOSFET Resistance
Input Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
300
250
200
150
100
50
0
350
ILOAD = 100mA
PMOS
NMOS
4%
2%
0%
-2%
-4%
-6%
REG4, 5, 6, 7 Output Voltage vs. Output Current
Output Current (mA)
0
50
100
150
200
250
300
350
400
VOUT ≤ 1.2V
VOUT > 1.2V
Output Current (mA)
0
50
100
150
200
250
300
350
400
Dropout Voltage vs. Output Current
250
200
150
100
50
0
REG4, REG6
VIN = 3.3V
Dropout Voltage vs. Output Current
350
200
150
100
50
0
300
250
REG5, REG7
VIN = 3.3V
Output Current (mA)
0
50
100
150
200
250
300
350
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com