Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8931A Datasheet(PDF) 28 Page - Active-Semi, Inc

Part # ACT8931A
Description  Advanced PMU for Rockchip RK2928/RK2926 Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8931A Datasheet(HTML) 28 Page - Active-Semi, Inc

Back Button ACT8931A Datasheet HTML 24Page - Active-Semi, Inc ACT8931A Datasheet HTML 25Page - Active-Semi, Inc ACT8931A Datasheet HTML 26Page - Active-Semi, Inc ACT8931A Datasheet HTML 27Page - Active-Semi, Inc ACT8931A Datasheet HTML 28Page - Active-Semi, Inc ACT8931A Datasheet HTML 29Page - Active-Semi, Inc ACT8931A Datasheet HTML 30Page - Active-Semi, Inc ACT8931A Datasheet HTML 31Page - Active-Semi, Inc ACT8931A Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
ACT8931A
Rev 3, 29-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 28 -
www.active-semi.com
PWRHLD) before nPBIN is de-asserted. If the
microprocessor is unable to complete its power-up
routine successfully before the user releases the
push-button, the ACT8931A automatically shuts the
system down. This provides protection against
accidental or momentary assertions of the push-
button. If desired, longer “push-and-hold” times can
be implemented by simply adding an additional time
delay before asserting PWRHLD.
Control Sequences
The ACT8931A features a variety of control
sequences that are optimized for supporting system
enable and disable sequences of
Rockchip
RK2928/RK2926 application processors.
Enabling/Disabling Sequence
A typical enable sequence is initiated whenever the
following conditions occurs:
1) nPBIN is asserted low via 50KΩ resistance, or
2) A valid input voltage is present at CHGIN2
The enable sequence begins by enabling REG1.
When the first regulator (REG1) reaches its power-
OK threshold, nRSTO is asserted low, resetting the
microprocessor. When REG1 reaches its power-OK
threshold for 2ms , REG2 and REG3 are enabled.
If REG1 is above its power-OK threshold when the
reset timer expires, nRSTO is de-asserted, allowing
the microprocessor to begin its boot sequence.
REG4, REG5, REG6 and REG7 can be enabled or
disabled by I2C after system powers up.
During the boot sequence, the microprocessor must
assert PWRHLD, holding the regulators to ensure
that the system remains powered after nPBIN is
released.
As with the enable sequence, a typical disable
sequence is initiated when the user presses the
push-button, which interrupts the processors via the
nPBSTAT output. The actual disable sequence is
completely
software-controlled,
but
typically
involved initiating various “clean-up” processes
before finally set MSTROFF[ ] bit to 1 to shut the
system down.
: Typical value shown, actual delay time may vary from (T-1ms) x 88% to T x 112%, where T is the typical delay time setting.
2
: Applicable only for ACT8931AQJ6##.
Figure 3:
Enable/Disable Sequence
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com