Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5301 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5301
Description  2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5301 Datasheet HTML 3Page - Analog Devices AD5301 Datasheet HTML 4Page - Analog Devices AD5301 Datasheet HTML 5Page - Analog Devices AD5301 Datasheet HTML 6Page - Analog Devices AD5301 Datasheet HTML 7Page - Analog Devices AD5301 Datasheet HTML 8Page - Analog Devices AD5301 Datasheet HTML 9Page - Analog Devices AD5301 Datasheet HTML 10Page - Analog Devices AD5301 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
REV. 0
AD5301/AD5311/AD5321
–7–
Typical Performance Characteristics–
CODE
1.0
0.5
–1.0
0
50
250
100
150
200
0
–0.5
TA = +25 C
VDD = +5V
Figure 2. AD5301 Typical INL Plot
CODE
0.3
–0.3
0
50
250
100
150
200
–0.1
–0.2
0.2
0.1
0
TA = +25 C
VDD = +5V
Figure 5. AD5301 Typical DNL Plot
TEMPERATURE – C
1.00
0.75
–1.00
–40
0
120
40
80
0
–0.25
–0.50
–0.75
0.50
0.25
VDD = +5V
MAX INL
MAX DNL
MIN DNL
MIN INL
Figure 8. AD5301 INL Error and
DNL Error vs. Temperature
CODE
3
0
200
1000
400
600
800
0
–1
–2
–3
2
1
TA = +25 C
VDD = +5V
Figure 3. AD5311 Typical INL Plot
CODE
0.6
0.4
0
200
1000
400
600
800
–0.2
–0.6
0.2
0
–0.4
TA = +25 C
VDD = +5V
Figure 6. AD5311 Typical DNL Plot
TEMPERATURE – C
–40
0
100
40
80
10
8
6
4
2
0
–2
–4
–6
–8
–10
60
20
–20
ZERO SCALE
FULL SCALE
VDD = +5V
Figure 9. Zero-Code Error and Full-
Scale Error vs. Temperature
CODE
12
0
1000
4000
2000
3000
0
–4
–8
–12
8
4
TA = +25 C
VDD = +5V
Figure 4. AD5321 Typical INL Plot
TA = +25 C
VDD = +5V
CODE
1.0
0.5
–1.0
0
1000
4000
2000
3000
0
–0.5
Figure 7. AD5321 Typical DNL Plot
IDD – A
120
200
190
VDD = +5V
VDD = +3V
180
170
160
150
140
130
110
100
90
80
Figure 10. IDD Histogram with VDD =
+3 V and VDD = +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com