Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5301 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5301
Description  2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5301 Datasheet HTML 7Page - Analog Devices AD5301 Datasheet HTML 8Page - Analog Devices AD5301 Datasheet HTML 9Page - Analog Devices AD5301 Datasheet HTML 10Page - Analog Devices AD5301 Datasheet HTML 11Page - Analog Devices AD5301 Datasheet HTML 12Page - Analog Devices AD5301 Datasheet HTML 13Page - Analog Devices AD5301 Datasheet HTML 14Page - Analog Devices AD5301 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
REV. 0
AD5301/AD5311/AD5321
–13–
POWER-DOWN MODES
The AD5301/AD5311/AD5321 have very low power consump-
tion, dissipating typically 0.36 mW with a 3 V supply and
0.75 mW with a 5 V supply. Power consumption can be further
reduced when the DAC is not in use by putting it into one of
three power-down modes, which are selected by Bits 13 and 12
(PD1 and PD0) of the control word. Table I shows how the state
of the bits corresponds to the mode of operation of the DAC.
Table I. PD1/PD0 Operating Modes
PD1
PD0
Operating Mode
0
0
Normal Operation
0
1
Power-Down (1 k
Ω Load to GND)
1
0
Power-Down (100 k
Ω Load to GND)
1
1
Power-Down (Three-State Output)
The software power-down modes programmed by PD0 and
PD1 may be overridden by the
PD pin on the 8-pin version.
Taking this pin low puts the DAC into three-state power-down
mode. If
PD is not used it should be tied high.
When both bits are set to 0, the DAC works normally with its
normal power consumption of 150
µA at 5 V, while for the three
power-down modes, the supply current falls to 200 nA at
5 V (50 nA at 3 V). Not only does the supply current drop, but
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This has the
advantage that the output impedance of the part is known while
the part is in power-down mode and provides a defined input
condition for whatever is connected to the output of the DAC
amplifier. There are three different options. The output is con-
nected internally to GND through a 1 k
Ω resistor, a 100 kΩ
resistor or it is left open-circuited (Three-State). Resistor toler-
ance =
±20%. The output stage is illustrated in Figure 30.
AMPLIFIER
POWER-DOWN
CIRCUITRY
RESISTOR
NETWORK
RESISTOR-
STRING DAC
VOUT
Figure 30. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string and
all other associated linear circuitry are all shut down when the
power-down mode is activated. However, the contents of the
DAC register are unchanged when in power-Down. The time to
exit power-down is typically 2.5
µs for V
DD = 5 V and 6
µs when
VDD = 3 V. See Figure 18 for a plot.
APPLICATIONS
USING REF19x AS A POWER SUPPLY
Because the supply current required by the AD5301/AD5311/
AD5321 is extremely low, the user has an alternative option
to use a REF19x voltage reference (REF195 for +5 V or REF193
for +3 V) to supply the required voltage to the part, see Fig-
ure 31.
AD5301/
AD5311/
AD5321
2-WIRE
SERIAL
INTERFACE
SDA
SCL
+15V
+5V
150 A TYP
VOUT = 0V TO 5V
REF195
VDD
Figure 31. REF195 as Power Supply to AD5301/AD5311/
AD5321
This is especially useful if the power supply is quite noisy or if
the system supply voltages are at some value other than +5 V or
+3 V (e.g., +15 V). The REF19x will output a steady supply
voltage for the AD5301/AD5311/AD5321. If the low dropout
REF195 is used, the current it needs to supply to the AD5301/
AD5311/AD5321 is 150
µA. This is with no load on the output
of the DAC. When the DAC output is loaded, the REF195 also
needs to supply the current to the load.
The total current required (with a 2 k
Ω load on the DAC
output and full scale loaded to the DAC) is:
150
µA + (5 V/2 kΩ) = 2.65 mA
The load regulation of the REF195 is typically 2 ppm/mA which
results in an error of 5.3 ppm (26.5
µV) for the 2.65 mA current
drawn from it. This corresponds to a 0.00136 LSB error.
BIPOLAR OPERATION USING THE AD5301/AD5311/
AD5321
The AD5301/AD5311/AD5321 has been designed for single-
supply operation but a bipolar output range is also possible
using the circuit in Figure 32. The circuit below will give an
output voltage range of
±5 V. Rail-to-rail operation at the am-
plifier output is achievable using an AD820 or an OP295 as the
output amplifier.
+5V
–5V
AD820/
OP295
2-WIRE
SERIAL
INTERFACE
+5V
AD5301/
AD5311/
AD5321
10 F
0.1 F
VDD
VOUT
R1 = 10k
5V
R2 = 10k
Figure 32. Bipolar Operation with the AD5301/AD5311/
AD5321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com