Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5260 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5260
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5260 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5260 Datasheet HTML 9Page - Analog Devices AD5260 Datasheet HTML 10Page - Analog Devices AD5260 Datasheet HTML 11Page - Analog Devices AD5260 Datasheet HTML 12Page - Analog Devices AD5260 Datasheet HTML 13Page - Analog Devices AD5260 Datasheet HTML 14Page - Analog Devices AD5260 Datasheet HTML 15Page - Analog Devices AD5260 Datasheet HTML 16Page - Analog Devices AD5260 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
AD5232
–13–
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates an output voltage
proportional to the input voltage applied to a given terminal.
For example, connecting A-terminal to 5 V and B-terminal to
ground produces an output voltage at the wiper which can be
any value starting at zero volts up to 5 V. Each LSB of voltage is
equal to the voltage applied across terminal AB divided by the
2
N position resolution of the potentiometer divider. The general
equation defining the output voltage with respect to ground for
any given input voltage applied to terminals AB is:
VW(Dx) = Dx/2
N
× V
AB + VB
(3)
Operation of the digital potentiometer in the divider mode results in
more accurate operation over temperature. Here the output voltage is
dependent on the ratio of the internal resistors, not the absolute
value; therefore, the drift improves to 15 ppm/
°C. There is no
voltage polarity restriction between terminals A, B, and W, as long
as the terminal voltage (VTERM) stays within VSS < VTERM < VDD.
OPERATION FROM DUAL SUPPLIES
The AD5232 can be operated from dual supplies enabling con-
trol of ground-referenced ac signals. See Figure 11 for a typical
circuit connection.
~
2V p-p
AD5232
VSS
GND
SDI
CLK
SS
SCLK
MOSI
GND
VDD
C
1V p-p
VDD
+2.75V
–2.5V
CS
Figure 11. Operation from Dual Supplies
CA
AB
CB
C W
RDAC
10k
W
60pF
CA = 45pF
CB = 45pF
Figure 12. RDAC Circuit Simulation Model for RDAC = 10 k
Ω
The internal parasitic capacitances and the external capacitive loads
dominate the ac characteristics of the RDACs. Configured as a
potentiometer divider the –3 dB bandwidth of the AD5232BRU10
(10 k
Ω resistor) measures 500 kHz at half scale. Figure TPC 10
provides the large signal BODE plot characteristics of the three
resistor versions 10 k
Ω, 50 kΩ, and 100 kΩ. A parasitic simu-
lation model has been developed, and is shown in Figure 12.
Listing I provides a macro model net list for the 10 k
Ω RDAC:
Listing I. Macro Model Net List for RDAC
.PARAM DW=255, RDAC=10E3
*
.SUBCKT DPOT (A,W,B)
*
CA
A
0
{45E-12}
RAW
A
W
{(1-DW/256)*RDAC+50}
CW
W
0
60E-12
RBW
W
B
{DW/256*RDAC+50}
CB
B
0
{45E-12}
*
.ENDS DPOT
APPLICATION PROGRAMMING EXAMPLES
The following command sequence examples have been developed
to illustrate a typical sequence of events for the various features
of the AD5232 nonvolatile digital potentiometer.
[PCB = Printed Circuit Board containing the AD523x part].
Instruction numbers (Commands), addresses and data appear-
ing at SDI and SDO pins are listed in hexadecimal.
Table IX. Set Two Digital POTs to Independent Data Values
SDI
SDO
Action
B140H
XXXXH
Loads 40H data into RDAC2 register,
Wiper W2 moves to 1/4 full-scale
position.
B080H
B140H
Loads 80H data into RDAC1 register,
Wiper W1 moves to 1/2 Full-Scale
position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com