Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5260 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5260
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5260 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5260 Datasheet HTML 12Page - Analog Devices AD5260 Datasheet HTML 13Page - Analog Devices AD5260 Datasheet HTML 14Page - Analog Devices AD5260 Datasheet HTML 15Page - Analog Devices AD5260 Datasheet HTML 16Page - Analog Devices AD5260 Datasheet HTML 17Page - Analog Devices AD5260 Datasheet HTML 18Page - Analog Devices AD5260 Datasheet HTML 19Page - Analog Devices AD5260 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
–18–
AD5232
FREQUENCY– Hz
0
–60
1k
–30
100k
10k
–6
–36
–42
–48
–54
–24
–12
–18
1M
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25 C
VA
DATA = 80H
DATA = 40H
DATA = 20H
DATA = 10H
DATA = 08H
DATA = 04H
DATA = 02H
DATA = 01H
RAB = 10k
TPC 13. Gain vs. Frequency vs. Code, RAB = 10 kΩ
FREQUENCY – Hz
0
–60
1k
–30
100k
10k
–6
–36
–42
–48
–54
–24
–12
–18
1M
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25 C
VA
DATA = 80H
DATA = 40H
DATA = 20H
DATA = 10H
DATA = 08H
DATA = 04H
DATA = 02H
DATA = 01H
RAB = 50k
TPC 14. Gain vs. Frequency vs. Code, RAB = 50 kΩ
FREQUENCY – Hz
0
–60
1k
–30
100k
10k
–6
–36
–42
–48
–54
–24
–12
–18
1M
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25 C
VA
DATA = 80H
DATA = 40H
DATA = 20H
DATA = 10H
DATA = 08H
DATA = 04H
DATA = 02H
DATA = 01H
RAB = 100k
TPC 15. Gain vs. Frequency vs. Code, RAB = 100 kΩ
FREQUENCY – Hz
80
0
1k
40
100k
10k
20
1M
60
TA = 25 C
VDD = 5.5V 100mV ac
VSS = 0V,VB = 5V,VA = 0V
MEASURE at VW WITH CODE = 80H
RAB = 100k
RAB = 50k
RAB = 10k
TPC 16. PSRR vs. Frequency
FREQUENCY – kHz
120
20
1
60
10
40
100
80
VDD = VA2 = +2.75V
VSS = VB2 = –2.75V
VIN = +2.5VP
RAB = 100k
RAB = 50k
RAB = 10k
SEE TEST CIRCUIT, FIGURE 22
100
TA = 25 C
TPC 17. Analog Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com