Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5231 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5231
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5231 Datasheet HTML 8Page - Analog Devices AD5231 Datasheet HTML 9Page - Analog Devices AD5231 Datasheet HTML 10Page - Analog Devices AD5231 Datasheet HTML 11Page - Analog Devices AD5231 Datasheet HTML 12Page - Analog Devices AD5231 Datasheet HTML 13Page - Analog Devices AD5231 Datasheet HTML 14Page - Analog Devices AD5231 Datasheet HTML 15Page - Analog Devices AD5231 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
–12–
AD5232
Table VI. Nominal Individual Segment Resistor Values ( )
Segment Resistor Size
for RAB End-to-End Values
10 k
Version 50 k
Version 100 k
Version
8-Bit
78.10
390.5
781.0
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistances of the RDAC between terminals A and B
are available with values of 10 k
Ω, 50 kΩ, and 100 kΩ. The final
digits of the part number determine the nominal resistance value,
e.g., 10 k
Ω = 10; 100 kΩ = 100. The nominal resistance (R
AB) of
the AD5232 VR has 256 contact points accessed by the wiper
terminal, plus the B terminal contact. The 8-bit data word in the
RDAC latch is decoded to select one of the 256 possible settings.
The general transfer equation, which determines the digitally
programmed output resistance between Wx and Bx, is:
RWB(Dx) = (Dx)/2
N
× R
BA + RW
(1)
Where
N is the resolution of the VR, Dx is the data contained in
the RDACx latch, and RBA is the nominal end-to-end resistance.
For example, the following output resistance values will be set
for the following RDAC latch codes (applies to the 8-bit, 10 k
potentiometers):
Table VII. Nominal Resistance Value at Selected Codes for
RAB = 10 k
D (DEC)
RWB (V)
Output State
255
10011
Full-Scale
128
5050
Midscale
189
1 LSB
0
50
Zero-Scale
*(Wiper Contact Resistance)
*Note that in the zero-scale condition a finite wiper resistance of 50
Ω is present. Care
should be taken to limit the current flow between W and B in this state to a
maximum continuous value of 2 mA to avoid degradation or possible de struc-
tion of the internal switch metalization. Intermittent current operation to
20 mA is allowed.
CODE – Decimal
100
75
0
0
256
64
128
192
50
25
RWB
RWA
Figure 10. Symmetrical RDAC Operation
Like the mechanical potentiometer the RDAC replaces, the
AD5232 parts are totally symmetrical. The resistance between
the wiper W and terminal A also produces a digitally controlled
resistance RWA. Figure 10 shows the symmetrical programmabil-
ity of the various terminal connections. When these terminals
are used the B–terminal should be tied to the wiper. Setting the
resistance value for RWA starts at a maximum value of resistance
and decreases as the data loaded in the latch is increased in
value. The general transfer equation for this operation is:
RWA(Dx) = (2
N-Dx)/2N
× R
BA + RW
(2)
where N is the resolution of the VR, Dx is the data contained in
the RDACx latch, and RBA is the nominal end-to-end resistance.
For example, the following output resistance values will be set
for the following RDAC latch codes (applies to 8-bit, 10 k
potentiometers).
Table VIII. Nominal Resistance Value at Selected
Codes for RAB = 10 k
D (DEC)
RWA (W)
Output State
255
89
Full-Scale
128
5050
Midscale
1
10011
1 LSB
0
10050
Zero-Scale
The multichannel AD5232 has a
±0.2% typical distribution of
internal channel-to-channel RBA match. Device-to-device
matching is process-lot-dependent and exhibits a –40% to +20%
variation. The change in RBA with temperature has a 600 ppm/
°C
temperature coefficient.
Device
Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com