Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5231 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5231
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5231 Datasheet HTML 12Page - Analog Devices AD5231 Datasheet HTML 13Page - Analog Devices AD5231 Datasheet HTML 14Page - Analog Devices AD5231 Datasheet HTML 15Page - Analog Devices AD5231 Datasheet HTML 16Page - Analog Devices AD5231 Datasheet HTML 17Page - Analog Devices AD5231 Datasheet HTML 18Page - Analog Devices AD5231 Datasheet HTML 19Page - Analog Devices AD5231 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
–16–
AD5232
DIGITAL CODE
2.00
–0.50
–2.00
0
1.50
0
–1.00
–1.50
1.00
0.50
64
128
192
1.75
1.25
0.75
–0.25
–0.75
–1.25
–1.75
0.25
INL TA = –40 C
INL TA = +85 C
INL TA = +25 C
256
VDD = 2.7V
VSS = 0V
TPC 1. INL vs. Code, TA = –40 C, +25 C, +85 C Overlay
DIGITAL CODE
2.00
–0.50
–2.00
1
1.50
0
–1.00
–1.50
1.00
0.50
64
128
192
1.75
1.25
0.75
–0.25
–0.75
–1.25
–1.75
0.25
DNL TA = –40 C
DNL TA = +25 C
DNL TA = +85 C
256
VDD = 2.7V
VSS = 0V
TPC 2. DNL vs. Code, TA = –40 C, +25 C, +85 C Overlay
CODE – Decimal
0.20
–0.20
0
32
64
96
128
0.15
0.00
–0.05
–0.10
–0.15
0.10
0.05
160
192
224
256
VDD = 5.5V, VSS = 0V
TA = 25 C
TPC 3. R-DNL vs. Code RAB = 10 kΩ, 50 kΩ, 100 kΩ Overlay
2000
0
032
64
96
128
160
1000
500
1500
192
224
256
CODE – Decimal
TA = –40 C/+85 C
VA = NO CONNECT
RWB MEASURED
VDD = 5V
TPC 4.
∆R
WB/∆T vs. Code RAB = 10 kΩ, VDD = 5 V
70
032
64
96
128
160
192
224
256
VDD = 5V
TA = –40 C/+85 C
VA = 2.00V
VB = 0V
–10
60
30
20
10
0
50
40
CODE – Decimal
TPC 5.
∆V
WB/
∆T vs. Code R
AB = 10 k
Ω, V
DD = 5 V
0.001
–50
–35
–20
–510
25
0.01
40
55
70
TEMPERATURE – C
0.1
1
85
VDD = +2.5V
VCM = 0V
VSS = –2.5V
SEE FIGURE 21
TPC 6. ICM vs. Temperature
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com