Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53041 Datasheet(PDF) 1 Page - Analog Devices

Part # AD53041
Description  High Speed Active Load with Inhibit Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53041 Datasheet(HTML) 1 Page - Analog Devices

  AD53041 Datasheet HTML 1Page - Analog Devices AD53041 Datasheet HTML 2Page - Analog Devices AD53041 Datasheet HTML 3Page - Analog Devices AD53041 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD53041
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
High Speed Active Load
with Inhibit Mode
FUNCTIONAL BLOCK DIAGRAM
FEATURES
50 mA Voltage Programmable Current Range
Three Selectable Gain Ranges
1.7 ns Propagation Delay
Inhibit Mode Function
High Speed Differential Inputs for Maximum Flexibility
Ultrasmall 20-Lead PSOP Package with Built-In Heatsink
APPLICATIONS
Automatic Test Equipment
Semiconductor Test Systems
Board Test Systems
PRODUCT DESCRIPTION
The AD53041 is a complete, high speed, current switching load
designed for use in linear, digital or mixed signal test systems.
Combining a high speed monolithic process with a unique sur-
face mount package, this product attains superb electrical per-
formance while preserving optimum packaging densities in an
ultrasmall 20-lead, PSOP package with a built-in heatsink.
Featuring current programmability of up to
±50 mA, the
AD53041 is designed to force the device under test to source
or sink the programmed IOH and IOL currents. IOH and IOL
currents are determined by applying a corresponding voltage
(5 V = 50 mA, 16 mA, 5 mA) to the IOHPGM and IOLPGM pins.
The voltage-to-current conversion is performed within the
AD53041, thus allowing the current levels to be set by a stan-
dard voltage out digital-to-analog converter.
The AD53041 transition from IOH to IOL occurs when the out-
put voltage of the device under test slews above or below the
programmed threshold or commutation voltage. The commuta-
tion voltage is programmable from –2 V to +7 V, covering the
large spectrum of logic devices while able to support the large
current specifications (48 mA) typically associated with line
drivers. To test I/O devices, the active load can be switched into
a high impedance state (Inhibit Mode), electrically removing the
active load from the path through the Inhibit Mode feature. The
active load leakage current in Inhibit is typically 100 nA.
The Inhibit input circuitry is implemented using high speed
differential inputs with a common-mode voltage range of
–2 V to +3 V and a maximum differential voltage of 3 V. This
allows for direct interface to precision differential ECL timing or
the simplicity of switching active load from a single ended TTL
or CMOS logic source. With switching speeds from IOH or IOL
into Inhibit of less than 2.0 ns, the AD53041 can be electrically
removed from the signal path “on the fly.”
The AD53041 is available in a 20-lead, PSOP package with a
built-in-heatsink and is specified to operate over the ambient
commercial temperature range from –25
°C to +85°C.
VCC
VEE
AGND
IOLOUT
VCOMOUT
IOHOUT
OUT_SENSE
IOLRTN
IOHRTN
INH
INH
IOHPGM
VCOMIN
IOLPGM
GAINA
GAINB
GND
AD53041
TO DUT
0.1 F
0.1 F
1
Ω
0.1 F
HSMS-2818
OR EQUIV.
NOT SHOWN: THE AGND PINS ARE THE HIGH QUALITY GROUND
REFERENCE FOR THE VOLTAGE-TO-CURRENT CONVERTERS.
THE GND PINS PROVIDE RETURN PATHS FOR INTERNAL CURRENTS.
VCC IS THE POSITIVE SUPPLY, VEE IS THE NEGATIVE SUPPLY.
ALL GROUND PINS SHOULD BE CONNECTED TO THE SYSTEM
ANALOG GROUND PLANE.
Figure 1. Typical Application Circuit
VOLTAGE-TO-CURRENT
CONVERTER
VOLTAGE-TO-CURRENT
CONVERTER
AD53041
IOLOUT
IOLRTN
IOHRTN
IOHOUT
VCOMOUT
VCOM
BUFFER
INH
INH
IOHPGM
VCOMIN
OUT_SENSE
IOLPGM
GAINB
GAINA
GAINA
GAINB
FULL-SCALE CURRENT
0
0
1
1
0
1
0
1
50mA
16mA
5mA
NOT VALID


Similar Part No. - AD53041

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5304 AD-AD5304 Datasheet
427Kb / 20P
2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
10/04-Data Sheet changed from REV. E to REV. F.
AD5304 AD-AD5304 Datasheet
359Kb / 20P
2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
AD5304 AD-AD5304 Datasheet
274Kb / 20P
2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
AD5304 AD-AD5304 Datasheet
324Kb / 20P
2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
AD5304 AD-AD5304 Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Similar Description - AD53041

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
High Speed Under High Load Resistance Photocoupler
logo
HANAMICRON
AD1315 HANAMICRON-AD1315 Datasheet
247Kb / 8P
High Speed Active Load with Inhibit Mode
logo
Analog Devices
AD1324 AD-AD1324 Datasheet
549Kb / 12P
Ultrahigh Speed Pin Driver with Inhibit Mode
AD53040 AD-AD53040 Datasheet
114Kb / 7P
Ultrahigh Speed Pin Driver with Inhibit Mode
logo
Vicor Corporation
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
Active ORing Controller IC with Load Disconnect Feature
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
12Amp Active ORing Solution With Load Disconnect
logo
Microchip Technology
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
logo
Analog Devices
AD1322 AD-AD1322_15 Datasheet
3Mb / 12P
ULTRAHIGH SPEED PIN DRIVER WITH INHIBIT MODE
logo
Vicor Corporation
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
PI2002-EVAL1 Active ORing With Load Disconnect
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com