Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS642LSH Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # ATS642LSH
Description  The ATS642LSH is an optimized Hall effect sensing integrated circuit and magnet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing in two-wire applications.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642LSH Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ATS642LSH_09 Datasheet HTML 8Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 9Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 10Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 11Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 12Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 13Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 14Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 15Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Two-Wire True Zero Speed Miniature Differential
Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSH
15
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package SH Module
0.71±0.05
5.00±0.10
4.00±0.10
1.00±0.10
0.60±0.10
24.65±0.10
13.10±0.10
1.0 REF
0.71±0.10
0.71±0.10
1.60±0.10
1.27±0.10
5.50±0.10
5.50±0.05
8.00±0.05
5.80±0.05
1.70±0.10
24
3
1
A
A
B
D
For Reference Only, not for tooling use (reference DWG-9003)
Dimensions in millimeters
A
B
C
C
D
Dambar removal protrusion (16X)
Metallic protrusion, electrically connected to pin 4 and substrate (both sides)
Thermoplastic Molded Lead Bar for alignment during shipment
Active Area Depth 0.43 mm REF
Branded
Face
Standard Branding Reference View
= Supplier emblem
L = Lot identifier
N = Last three numbers of device part number
Y = Last two digits of year of manufacture
W = Week of manufacture
LLLLLLL
YYWW
NNN
Branding scale and appearance at supplier discretion
0.38 +0.06
–0.04
F
E
F
F
E
0.75
E2
E1
0.75
Hall elements (E1, E2); not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com