Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS642LSH Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS642LSH
Description  The ATS642LSH is an optimized Hall effect sensing integrated circuit and magnet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing in two-wire applications.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642LSH Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS642LSH_09 Datasheet HTML 1Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 2Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 3Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 4Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 5Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 6Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 7Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 8Page - Allegro MicroSystems ATS642LSH_09 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Engineering samples available on a limited basis. Contact your local
sales or applications support office for additional information.
Description
TheATS642LSH is an optimized Hall effect sensing integrated
circuit and magnet combination that provides a user-friendly
solution for true zero-speed digital gear-tooth sensing in two-
wire applications. The sensor consists of a single-shot molded
plastic package that includes a samarium cobalt magnet, a
pole piece, and a Hall effect IC that has been optimized to the
magnetic circuit. This small package, with optimized two-wire
leadframe, can be easily assembled and used in conjunction
with a wide variety of gear shapes and sizes.
The integrated circuit incorporates a dual element Hall effect
sensor and signal processing that switches in response to
differential magnetic signals created by ferrous gear teeth.
The circuitry contains a sophisticated digital circuit to reduce
magnet and system offsets, to calibrate the gain for air gap
independent switchpoints, and to achieve true zero-speed
operation. Signal optimization occurs at power-up through
the combination of offset and gain adjust and is maintained
throughout the operating time with the use of a running mode
calibration. The running mode calibration allows immunity to
environmental effects such as microoscillations of the target
or sudden air gap changes.
The regulated current output is configured for two wire
applications and the sensor is ideally suited for obtain-
ATS642LSH-DS, Rev. 1
Features and Benefits
▪ Running mode calibration for continuous optimization
▪ Single chip IC for high reliability
▪ Internal current regulator for 2-wire operation
▪ Small mechanical size (8 mm diameter × 5.5 mm depth)
▪ Precise duty cycle signal over operating temperature range
▪ Large operating air gaps
▪ Automatic Gain Control (AGC) for air gap independent
switchpoints
▪ Automatic Offset Adjustment (AOA) for signal processing
optimization
▪ True zero-speed operation
▪ Undervoltage lockout
▪ Wide operating voltage range
Two-Wire True Zero Speed Miniature Differential
Peak-Detecting Gear Tooth Sensor with Continuous Calibration
Continued on the next page…
Package: 4-pin Module (suffix SH)
Functional Block Diagram
Not to scale
ATS642LSH
VCC
Automatic Offset
Control
AOA DAC
Hall
Amplifier
AGC DAC
Gain
Tracking
DAC
Peak Hold
Gain Control
Internal Regulator
Test Signals
GND
Test


Similar Part No. - ATS642LSH_09

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS642LSHTN-I1-T ALLEGRO-ATS642LSHTN-I1-T Datasheet
430Kb / 16P
Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS642LSHTN-I2-T ALLEGRO-ATS642LSHTN-I2-T Datasheet
430Kb / 16P
Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
More results

Similar Description - ATS642LSH_09

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
True Zero Speed Miniature Gear Tooth Sensor
ATS673 ALLEGRO-ATS673 Datasheet
668Kb / 20P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 ALLEGRO-ATS673_06 Datasheet
644Kb / 19P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
ATS685LSH ALLEGRO-ATS685LSH Datasheet
445Kb / 15P
Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
ATS657 ALLEGRO-ATS657 Datasheet
416Kb / 15P
The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com