Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2004 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # ARA2004
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2004 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button ARA2004 Datasheet HTML 7Page - ANADIGICS, Inc ARA2004 Datasheet HTML 8Page - ANADIGICS, Inc ARA2004 Datasheet HTML 9Page - ANADIGICS, Inc ARA2004 Datasheet HTML 10Page - ANADIGICS, Inc ARA2004 Datasheet HTML 11Page - ANADIGICS, Inc ARA2004 Datasheet HTML 12Page - ANADIGICS, Inc ARA2004 Datasheet HTML 13Page - ANADIGICS, Inc ARA2004 Datasheet HTML 14Page - ANADIGICS, Inc ARA2004 Datasheet HTML 15Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet- Rev 2.2
04/2011
ARA2004
11
-72
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
0
5
10
15
20
25
30
35
40
frequency (MHz)
2nd Harmonic
3rd Harmonic
figure 14: Harmonic performance over frequency
pout =+62 dBmV
figure 15: iip2 & iip3 vs frequency
20
24
28
32
36
40
5
15
25
35
45
55
65
75
85
95
frequency (MHz)
4
6
8
10
12
14
iip2
iip3
Measured @ V DD = 5 Volts
Pin = -20 dBm per tone
figure 16: iip2 & iip3 vs VDD
20
24
28
32
36
40
3
4
5
6
7
VDD (Volts)
-5
-1
3
7
11
15
iip2
iip3
Measured @ 65 MHz
Two tones @ 29.5 MHz
& 35.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com