Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2004 Datasheet(PDF) 12 Page - ANADIGICS, Inc

Part # ARA2004
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2004 Datasheet(HTML) 12 Page - ANADIGICS, Inc

Back Button ARA2004 Datasheet HTML 8Page - ANADIGICS, Inc ARA2004 Datasheet HTML 9Page - ANADIGICS, Inc ARA2004 Datasheet HTML 10Page - ANADIGICS, Inc ARA2004 Datasheet HTML 11Page - ANADIGICS, Inc ARA2004 Datasheet HTML 12Page - ANADIGICS, Inc ARA2004 Datasheet HTML 13Page - ANADIGICS, Inc ARA2004 Datasheet HTML 14Page - ANADIGICS, Inc ARA2004 Datasheet HTML 15Page - ANADIGICS, Inc ARA2004 Datasheet HTML 16Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
Data Sheet- Rev 2.2
04/2011
ARA2004
table 6: programming Register
loGic pRoGRAMMinG
table 7: Data Description
programming instructions
The programming word is set through an 8 bit shift
register via the data, clock and enable lines. The data
is entered in order with the most significant bit (MSB)
first and the least significant bit (LSB) last. The enable
line must be low for the duration of the data entry, then
set high to latch the shift register. The rising edge of
the clock pulse shifts each data value into the register.
Software is Available from ANADIGICS Application
Engineering to set the data bits through the serial
cable on the ARA2004 evaluation board.
VAlue
function
(1 = on, 0 = bypass)
P7
N/A
P6
N/A
P5
32 dB Atenuator Bit
P4
16 dB Attenuator Bit
P3
8 dB Attenuator Bit
P2
4 dB Attenuator Bit
P1
2 dB Attenuator Bit
P0
1 dB Attenuator Bit
DAtA Bit
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
function
P7
P6
P5
P4
P3
P2
P1
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com