Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53509 Datasheet(PDF) 1 Page - Analog Devices

Part # AD53509
Description  High-Performance Driver/Comparator Active Load on a Single Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509 Datasheet(HTML) 1 Page - Analog Devices

  AD53509 Datasheet HTML 1Page - Analog Devices AD53509 Datasheet HTML 2Page - Analog Devices AD53509 Datasheet HTML 3Page - Analog Devices AD53509 Datasheet HTML 4Page - Analog Devices AD53509 Datasheet HTML 5Page - Analog Devices AD53509 Datasheet HTML 6Page - Analog Devices AD53509 Datasheet HTML 7Page - Analog Devices AD53509 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD53509
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
High-Performance Driver/Comparator
Active Load on a Single Chip
FUNCTIONAL BLOCK DIAGRAM
DRIVER
COMPARATOR
46
V/I
V/I
ACTIVE LOAD
1.0 A/K
VCC
VCC VCC
34
VCC
VEE
VEE VEE VEE
51
52
39
40
41
32
AD53509
VHDCPL
VOUT
VLDCPL
39nF
CHDCPL
39nF
CLDCPL
2,5,8
9,33,44,46,48
PWRGND
VCCO
HQGND2
HQGND
VCOMS
THERM
NC
35
36
+1
31
50
49
42
43
38
37
45
47
VH
VTERM
DATA
DATA
IOD
IOD
RLD
RLD
VL
HCOMP
LEH
LEH
QH
QH
QL
QL
LEL
LEL
LCOMP
VCOMI
IOLC
IOLRTN
IOHRTN
INHL
INHL
IOHC
NC = NO CONNECT
OUT_L
14, 26
FEATURES
250 MHz Operation
Driver/Comparator and Active Load Included
On-Chip Schottky Diode Bridge
52-Lead LQFP Package with Built-In Heat Sink
APPLICATIONS
Automatic Test Equipment
Semiconductor Test Systems
Board Test Systems
Instrumentation and Characterization Equipment
PRODUCT DESCRIPTION
The AD53509 is a single chip that performs the pin electronics
functions of driver, comparator and active load in ATE VLSI
and memory testers. In addition, a Schottky diode bridge for the
active load and a VCOM buffer are included internally.
The driver is a proprietary design that features three active
states: Data High Mode, Data Low Mode and Term Mode as
well as an Inhibit State. This facilitates the implementation of
high speed active termination. The output voltage range is –2 V
to +7 V to accommodate a wide variety of test devices. The
output leakage is typically less than 250 nA over the entire sig-
nal range.
The dual comparator, with an input range equal to the driver
output range, features built-in latches and ECL-compatible
outputs. The outputs are capable of driving 50
Ω signal lines
terminated to –2 V. Signal tracking capability is upwards of
5 V/ns.
The active load can be set for up to 40 mA load current with
less than a 10
µA linearity error through the entire set range.
IOH, IOL and the buffered VCOM are independently adjustable.
On-board Schottky diodes provide high speed switching and low
capacitance.
Also included on the chip is an on-board temperature sensor
whose purpose is to give an indication of the surface tempera-
ture of the DCL. This information can be used to measure
θJC
and
θJA or flag an alarm if proper cooling is lost. Output from
the sensor is a current sink that is proportional to absolute tem-
perature. The gain is trimmed to a nominal value of 1.0
µA/K.
As an example, the output current can be sensed by using a
10 k
Ω resistor connected from 10 V to the THERM (IOUT) pin.
A voltage drop across the resistor will be developed that equals:
10K
× 1 µA/K = 10 mV/K = 2.98 V at room temperature.


Similar Part No. - AD53509

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53509G AD-AD53509G Datasheet
352Kb / 12P
High Performance Driver/Comparator Active Load on a Single Chip
3/08-Rev. A to Rev. B
AD53509JSW AD-AD53509JSW Datasheet
352Kb / 12P
High Performance Driver/Comparator Active Load on a Single Chip
3/08-Rev. A to Rev. B
AD53509JSWZ AD-AD53509JSWZ Datasheet
352Kb / 12P
High Performance Driver/Comparator Active Load on a Single Chip
3/08-Rev. A to Rev. B
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
High Performance Driver/Comparator
REV. B
More results

Similar Description - AD53509

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53032 AD-AD53032 Datasheet
101Kb / 8P
High Performance Driver/Comparator Active Load on a Single Chip
AD53033 AD-AD53033 Datasheet
96Kb / 6P
High Performance Driver/Comparator on a Single Chip
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
High Performance Dual Comparator
logo
Maxim Integrated Produc...
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
logo
Analog Devices
AD53032 AD-AD53032_15 Datasheet
110Kb / 8P
High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53033 AD-AD53033_15 Datasheet
99Kb / 6P
High Performance Driver/Comparator on a Single Chip
REV. 0
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
High Performance Driver/Comparator
REV. B
AD53509G AD-AD53509G Datasheet
352Kb / 12P
High Performance Driver/Comparator Active Load on a Single Chip
3/08-Rev. A to Rev. B
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
High Performance Comparator
Rev.1.00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com