Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6521 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # AWT6521
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6521 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button AWT6521 Datasheet HTML 9Page - ANADIGICS, Inc AWT6521 Datasheet HTML 10Page - ANADIGICS, Inc AWT6521 Datasheet HTML 11Page - ANADIGICS, Inc AWT6521 Datasheet HTML 12Page - ANADIGICS, Inc AWT6521 Datasheet HTML 13Page - ANADIGICS, Inc AWT6521 Datasheet HTML 14Page - ANADIGICS, Inc AWT6521 Datasheet HTML 15Page - ANADIGICS, Inc AWT6521 Datasheet HTML 16Page - ANADIGICS, Inc AWT6521 Datasheet HTML 17Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet - Rev 2.4
02/2012
AWT6521
13
Table 12: Electrical Specifications - Band 8 (900 MHz) WCDMA Operation (R99 waveform)
(+25 C, VBATT = VCC = +3.3 V, VEN_HI = VBAND1 = VBAND0 = 0 V, VEN_LO = 1.8 V)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE
Gain
25.5
8.5
27.5
11
31
15
dB
+28.8 dBm
+16 dBm
0 V
1.8 V
ACLR1 at 5 MHz offset (1)
-
-
-42
-43
-37
-37
dBc
+28.8 dBm
+16 dBm
0 V
1.8 V
ACLR2 at 10 MHz offset (1)
-
-
-56
-60
-48
-48
dBc
+28.8 dBm
+16 dBm
0 V
1.8 V
Power-Added Efficiency (1)
35
-
40
8
-
-
%
+28.8 dBm
+16 dBm
0 V
1.8 V
Mode Control Current
-
<0.06
0.12
mA
through VMODE pin, VMODE = +1.8 V
Enable Current
-
<0.07
0.15
mA
through VENABLE H or L
BAND Control Current
-
<0.03
0.1
mA
through VBAND0 or VBAND1 pins
Quiescent Current
-
33
-
mA
VMODE = 1.8 V
BATT Current
-
23
-
mA
through VBATT pin, VMODE = +1.8 V
Noise in Receive Band (2)
-
-
-136
-137
-
-
dBm/Hz P
OUT
= +28.8 dBm, VMODE = 0 V
POUT = +16 dBm, VMODE = +1.8 V
Harmonics
2fO
3fO, 4fO
-
-
-42
-50
-30
-35
dBc
POUT < +28.8 dBm
Coupling Factor
-
27.0
-
dB
Leakage Current (Total)
-
<6
12
µA
VBATT = +4.5 V, VCC = +4.5 V,
Shutdown Mode
(All VBATT & VCC Pins)
Input Impedance
-
-
2:1
VSWR
Spurious Output Level
(all spurious outputs)
-
-
-70
dBc
POUT < +28.8 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR Applies over full operating range
Notes:
(1) ACLR and Efficiency measured at 897.5 MHz.
(2) Noise measured at 925 to 960 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com